Electronic Components Datasheet Search
  English  ▼

X  

TMP320LC2401AVFS Datasheet(PDF) 75 Page - Texas Instruments

Part # TMP320LC2401AVFS
Description  DSP CONTROLLERS
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP320LC2401AVFS Datasheet(HTML) 75 Page - Texas Instruments

Back Button TMP320LC2401AVFS Datasheet HTML 71Page - Texas Instruments TMP320LC2401AVFS Datasheet HTML 72Page - Texas Instruments TMP320LC2401AVFS Datasheet HTML 73Page - Texas Instruments TMP320LC2401AVFS Datasheet HTML 74Page - Texas Instruments TMP320LC2401AVFS Datasheet HTML 75Page - Texas Instruments TMP320LC2401AVFS Datasheet HTML 76Page - Texas Instruments TMP320LC2401AVFS Datasheet HTML 77Page - Texas Instruments TMP320LC2401AVFS Datasheet HTML 78Page - Texas Instruments TMP320LC2401AVFS Datasheet HTML 79Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 88 page
background image
TMS320LF2401A, TMS320LC2401A
DSP CONTROLLERS
SPRS161K − MARCH 2001 − REVISED JULY 2007
75
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
10-bit analog-to-digital converter (ADC)
The 10-bit ADC has a separate power bus for its analog circuitry. These pins are referred to as VCCA and VSSA.
The power bus isolation is to enhance ADC performance by preventing digital switching noise of the logic
circuitry that can be present on VSS and VCC from coupling into the ADC analog stage. All ADC specifications
are given with respect to VSSA unless otherwise noted.
Resolution
10-bit (1024 values)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Monotonic
Assured
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output conversion mode
000h to 3FFh (000h for VI ≤ VSSA; 3FFh for VI ≥ VCCA)
. . . . . . . . . . . . . . . . . . . . . . .
Conversion time (including sample time)
500 ns
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
recommended operating conditions
MIN
NOM
MAX
UNIT
VCCA†
Analog supply voltage
3.0
3.3
3.6
V
VSSA†
Analog ground
0
V
VAI
Analog input voltage, ADCIN00−ADCIN04
VREFLO
VREFHI
V
† VCCA and VSSA must be stable, within ±1/2 LSB of the required resolution, during the entire conversion time.
ADC operating frequency
MIN
MAX
UNIT
ADC operating frequency
2
30
MHz
operating characteristics over recommended operating condition ranges
PARAMETER
DESCRIPTION
MIN
TYP
MAX
UNIT
IADCIN
Analog input leakage
1
mA
Cai
Analog input capacitance
Typical capacitive load on
Non-sampling
10
pF
Cai
Analog input capacitance
Typical capacitive load on
analog input pin
Sampling
30
pF
EDNL
Differential nonlinearity error
Difference between the actual step width and the
ideal value
±2
LSB
EINL
Integral nonlinearity error
Maximum deviation from the best straight line
through the ADC transfer characteristics, excluding
the quantization error
±2
LSB
td(PU)
Delay time, power-up to ADC
valid
Time to stabilize analog stage after power-up
10
ms
ZAI
Analog input source impedance
Analog input source impedance needed for
conversions to remain within specifications at min
tw(SH)
10
Ω
Zero-offset error
8
10
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com