Electronic Components Datasheet Search
  English  ▼

X  

TMP320LC2401AVFS Datasheet(PDF) 6 Page - Texas Instruments

Part # TMP320LC2401AVFS
Description  DSP CONTROLLERS
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP320LC2401AVFS Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMP320LC2401AVFS Datasheet HTML 2Page - Texas Instruments TMP320LC2401AVFS Datasheet HTML 3Page - Texas Instruments TMP320LC2401AVFS Datasheet HTML 4Page - Texas Instruments TMP320LC2401AVFS Datasheet HTML 5Page - Texas Instruments TMP320LC2401AVFS Datasheet HTML 6Page - Texas Instruments TMP320LC2401AVFS Datasheet HTML 7Page - Texas Instruments TMP320LC2401AVFS Datasheet HTML 8Page - Texas Instruments TMP320LC2401AVFS Datasheet HTML 9Page - Texas Instruments TMP320LC2401AVFS Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 88 page
background image
TMS320LF2401A, TMS320LC2401A
DSP CONTROLLERS
SPRS161K − MARCH 2001 − REVISED JULY 2007
6
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
functional block diagram of the LF2401A DSP controller
XTAL1/CLKIN
XTAL2
VSSA
VCCA
ADCIN00−ADCIN04
SCIRXD/IOPB4
SCITXD/IOPB3
Port A(0−7) IOPA[0:7]‡
Port B(0−5) IOPB[0:5]†
TDO/IOPB2
TDI/OPB5
TRST
TCK/IOPB1
TMS/XF
DARAM (B0)
256 Words
DARAM (B1)
256 Words
DARAM (B2)
32 Words
C2xx
DSP
Core
PLL Clock
10-Bit ADC
(With Twin
Autosequencer)
RS
VDD (3.3 V)
VSS
VCCP (5V)
SARAM (512 Words)
Flash
(8K Words −
4K/4K Sectors)
Event Manager A
D 1 × Capture Input
D 7 × Compare/PWM
Output
D 2 × GP Timers/PWM
SCI
WD
Digital I/O
(Shared With
Other Pins)
JTAG Port
XF
PWM1/IOPA1
PWM5/IOPA5
PWM6/IOPA6
PWM3/IOPA3
PWM4/IOPA4
PWM2/IOPA2
PDPINTA/IOPA0
XINT1†
ADCSOC‡
XINT2‡
CLKOUT‡
CAP1‡
T2PWM†
† T2PWM, XINT1, and IOPB0 functionalities are multiplexed into a single pin, T2PWM/XINT1/IOPB0.
‡ XINT2, ADCSOC, CAP1, IOPA7, and CLKOUT functionalities are multiplexed into a single pin, XINT2/ADCSOC/CAP1/IOPA7/CLKOUT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com