Electronic Components Datasheet Search
  English  ▼

X  

TMP320LF2401AVFS Datasheet(PDF) 33 Page - Texas Instruments

Part # TMP320LF2401AVFS
Description  DSP CONTROLLERS
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP320LF2401AVFS Datasheet(HTML) 33 Page - Texas Instruments

Back Button TMP320LF2401AVFS Datasheet HTML 29Page - Texas Instruments TMP320LF2401AVFS Datasheet HTML 30Page - Texas Instruments TMP320LF2401AVFS Datasheet HTML 31Page - Texas Instruments TMP320LF2401AVFS Datasheet HTML 32Page - Texas Instruments TMP320LF2401AVFS Datasheet HTML 33Page - Texas Instruments TMP320LF2401AVFS Datasheet HTML 34Page - Texas Instruments TMP320LF2401AVFS Datasheet HTML 35Page - Texas Instruments TMP320LF2401AVFS Datasheet HTML 36Page - Texas Instruments TMP320LF2401AVFS Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 88 page
background image
TMS320LF2401A, TMS320LC2401A
DSP CONTROLLERS
SPRS161K − MARCH 2001 − REVISED JULY 2007
33
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
central arithmetic logic unit (continued)
The CALU also has an associated carry bit that is set or reset depending on various operations within the device.
The carry bit allows more efficient computation of extended-precision products and additions or subtractions.
It is also useful in overflow management. The carry bit is affected by most arithmetic instructions as well as the
single-bit shift and rotate instructions. It is not affected by loading the accumulator, logical operations, or other
such non-arithmetic or control instructions.
The ADDC (add to accumulator with carry) and SUBB (subtract from accumulator with borrow) instructions use
the previous value of carry in their addition/subtraction operation.
The one exception to the operation of the carry bit is in the use of ADD with a shift count of 16 (add to high
accumulator) and SUB with a shift count of 16 (subtract from high accumulator) instructions. This case of the
ADD instruction can set the carry bit only if a carry is generated, and this case of the SUB instruction can reset
the carry bit only if a borrow is generated; otherwise, neither instruction affects it.
Two conditional operands, C and NC, are provided for branching, calling, returning, and conditionally executing,
based upon the status of the carry bit. The SETC, CLRC, and LST #1 instructions also can be used to load the
carry bit. The carry bit is set to one on a hardware reset.
accumulator
The 32-bit accumulator is the registered output of the CALU. It can be split into two 16-bit segments for storage
in data memory. Shifters at the output of the accumulator provide a left shift of 0 to 7 places. This shift is
performed while the data is being transferred to the data bus for storage. The contents of the accumulator
remain unchanged. When the postscaling shifter is used on the high word of the accumulator (bits 16−31), the
MSBs are lost and the LSBs are filled with bits shifted in from the low word (bits 0−15). When the postscaling
shifter is used on the low word, the LSBs are zero-filled.
The SFL and SFR (in-place one-bit shift to the left / right) instructions and the ROL and ROR (rotate to the
left/right) instructions implement shifting or rotating of the contents of the accumulator through the carry bit. The
SXM bit affects the definition of the SFR (shift accumulator right) instruction. When SXM = 1, SFR performs an
arithmetic right shift, maintaining the sign of the accumulator data. When SXM = 0, SFR performs a logical shift,
shifting out the LSBs and shifting in a zero for the MSB. The SFL (shift accumulator left) instruction is not affected
by the SXM bit and behaves the same in both cases, shifting out the MSB and shifting in a zero. Repeat (RPT)
instructions can be used with the shift and rotate instructions for multiple-bit shifts.
auxiliary registers and auxiliary-register arithmetic unit (ARAU)
The 2401A provides a register file containing eight auxiliary registers (AR0 −AR7). The auxiliary registers are
used for indirect addressing of the data memory or for temporary data storage. Indirect auxiliary-register
addressing allows placement of the data memory address of an instruction operand into one of the auxiliary
registers. These registers are referenced with a 3-bit auxiliary register pointer (ARP) that is loaded with a value
from 0 through 7, designating AR0 through AR7, respectively. The auxiliary registers and the ARP can be loaded
from data memory, the ACC, the product register, or by an immediate operand defined in the instruction. The
contents of these registers also can be stored in data memory or used as inputs to the CALU.
The auxiliary register file (AR0 −AR7) is connected to the ARAU. The ARAU can autoindex the current auxiliary
register while the data memory location is being addressed. Indexing either by
±1 or by the contents of the AR0
register can be performed. As a result, accessing tables of information does not require the CALU for address
manipulation; therefore, the CALU is free for other operations in parallel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com