Electronic Components Datasheet Search
  English  ▼

X  

TMP320LF2401AVFS Datasheet(PDF) 58 Page - Texas Instruments

Part # TMP320LF2401AVFS
Description  DSP CONTROLLERS
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP320LF2401AVFS Datasheet(HTML) 58 Page - Texas Instruments

Back Button TMP320LF2401AVFS Datasheet HTML 54Page - Texas Instruments TMP320LF2401AVFS Datasheet HTML 55Page - Texas Instruments TMP320LF2401AVFS Datasheet HTML 56Page - Texas Instruments TMP320LF2401AVFS Datasheet HTML 57Page - Texas Instruments TMP320LF2401AVFS Datasheet HTML 58Page - Texas Instruments TMP320LF2401AVFS Datasheet HTML 59Page - Texas Instruments TMP320LF2401AVFS Datasheet HTML 60Page - Texas Instruments TMP320LF2401AVFS Datasheet HTML 61Page - Texas Instruments TMP320LF2401AVFS Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 88 page
background image
TMS320LF2401A, TMS320LC2401A
DSP CONTROLLERS
SPRS161K − MARCH 2001 − REVISED JULY 2007
58
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
electrical characteristics over recommended operating temperature range (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
VDD = 3.0 V, IOH = IOHMAX
2.4
V
VOH
High-level output voltage
All outputs at 50
µA
VDDO − 0.2
V
VOL
Low-level output voltage
IOL = IOLMAX
0.4
V
IIL
Input current (low level)
With pullup
VDD = 3.3 V, VIN = 0 V
−10
−16
−30
A
IIL
Input current (low level)
With pulldown
VDD = 3.3 V, VIN = 0 V
±2
µA
IIH
Input current (high level)
With pullup
VDD = 3.3 V, VIN = VDD
±2
A
IIH
Input current (high level)
With pulldown
VDD = 3.3 V, VIN = VDD
10
16
30
µA
IOZ
Output current, high-impedance state (off-state)
VO = VDD or 0 V
±2
µA
Ci
Input capacitance
2
pF
Co
Output capacitance
3
pF
current consumption by power-supply pins over recommended operating temperature range at
40-MHz CLOCKOUT† (LF2401A)
PARAMETER
TEST CONDITIONS
TEMPERATURE
MIN
TYP
MAX‡
UNIT
IDD
Operational Current
A test code running in Flash does the
following:
1. Enables clock to all peripherals
2. Toggles all PWM outputs at
20 kHz
3. Performs a continuous
−40
°C to 85°C (A)
75
90
mA
IDD
Operational Current
3. Performs a continuous
conversion of all ADC channels
4. An infinite loop which transmits a
character out of SCI and
executes MACD instructions
NOTE: All I/O pins are floating.
−40
°C to 125°C (S)
75
110
mA
ICCA
ADC module current
−40
°C to 85°C (A)
10
22
mA
ICCA
ADC module current
−40
°C to 125°C (S)
10
22
mA
† IDD is the current flowing into the VDD and VDDO pins. IDD current includes the current drawn by the PLL module.
‡ The MAX numbers are at maximum temperature and voltage.
current consumption by power-supply pins over recommended operating temperature range at
40-MHz CLOCKOUT† (LC2401A)
PARAMETER
TEST CONDITIONS
TEMPERATURE
MIN
TYP
MAX
UNIT
IDD
Operational Current
A test code running in Flash does the
following:
1. Enables clock to all peripherals
2. Toggles all PWM outputs at
20 kHz
3. Performs a continuous
−40
°C to 85°C (A)
55
70
mA
IDD
Operational Current
3. Performs a continuous
conversion of all ADC channels
4. An infinite loop which transmits a
character out of SCI and
executes MACD instructions
NOTE: All I/O pins are floating.
−40
°C to 125°C (S)
55
90
mA
ICCA
ADC module current
−40
°C to 85°C (A)
11
25
mA
ICCA
ADC module current
−40
°C to 125°C (S)
11
25
mA
† IDD is the current flowing into the VDD and VDDO pins. IDD current includes the current drawn by the PLL module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com