Electronic Components Datasheet Search
  English  ▼

X  

TMP320LF2401AVFS Datasheet(PDF) 68 Page - Texas Instruments

Part # TMP320LF2401AVFS
Description  DSP CONTROLLERS
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP320LF2401AVFS Datasheet(HTML) 68 Page - Texas Instruments

Back Button TMP320LF2401AVFS Datasheet HTML 64Page - Texas Instruments TMP320LF2401AVFS Datasheet HTML 65Page - Texas Instruments TMP320LF2401AVFS Datasheet HTML 66Page - Texas Instruments TMP320LF2401AVFS Datasheet HTML 67Page - Texas Instruments TMP320LF2401AVFS Datasheet HTML 68Page - Texas Instruments TMP320LF2401AVFS Datasheet HTML 69Page - Texas Instruments TMP320LF2401AVFS Datasheet HTML 70Page - Texas Instruments TMP320LF2401AVFS Datasheet HTML 71Page - Texas Instruments TMP320LF2401AVFS Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 88 page
background image
TMS320LF2401A, TMS320LC2401A
DSP CONTROLLERS
SPRS161K − MARCH 2001 − REVISED JULY 2007
68
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
low-power mode timing
switching characteristics over recommended operating conditions [H = 0.5tc(CO)]
(see Figure 30, Figure 31, and Figure 32)
PARAMETER
LOW-POWER MODES
MIN
TYP
MAX
UNIT
td(WAKE-A)
Delay time, CLKOUT switching to
IDLE1
LPM0
12
× tc(CO)
ns
td(WAKE-A)
Delay time, CLKOUT switching to
program execution resume
IDLE2
LPM1
15
× tc(CO)
ns
td(IDLE-COH)
Delay time, Idle instruction executed to
CLKOUT high
IDLE2
LPM1
4tc(CO)
ns
td(WAKE-OSC)
Delay time, wake-up interrupt
asserted to oscillator running
HALT
{PLL/OSC power down}
LPM2
OSC start-up
and PLL lock
time
ms
td(IDLE-OSC)
Delay time, Idle instruction executed to
oscillator power off
{PLL/OSC power down}
LPM2
4tc(CO)
ns
td(EX)
Delay time, reset vector executed after RS high
36H
ns
WAKE INT§
CLKOUT†‡
A0−A15
td(WAKE−A)
† In 2401A, CLKOUT will not be seen at the pin, only in some modes; it can be enabled in software.
‡ Unlike other 24x/240x devices, the CLKOUT signal does not appear on the CLKOUT pin by default (after a device reset). The CLKOUT waveform
depicted in the figure is present internally in the DSP. However, in order to route the internal CLKOUT signal to the
XINT2/ADCSOC/CAP1/IOPA7/CLKOUT pin, bit 7 of the MCRA register must be programmed appropriately.
§ WAKE INT can be any valid interrupt or RESET.
Figure 30. IDLE1 Entry and Exit Timing − LPM0
td(WAKE−A)
td(IDLE−COH)
WAKE INT§
CLKOUT†‡
A0−A15
† In 2401A, CLKOUT will not be seen at the pin, only in some modes; it can be enabled in software.
‡ Unlike other 24x/240x devices, the CLKOUT signal does not appear on the CLKOUT pin by default (after a device reset). The CLKOUT waveform
depicted in the figure is present internally in the DSP. However, in order to route the internal CLKOUT signal to the
XINT2/ADCSOC/CAP1/IOPA7/CLKOUT pin, bit 7 of the MCRA register must be programmed appropriately.
§ WAKE INT can be any valid interrupt or RESET.
Figure 31. IDLE2 Entry and Exit Timing − LPM1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com