Electronic Components Datasheet Search
  English  ▼

X  

TMP320LF2401AVFS Datasheet(PDF) 40 Page - Texas Instruments

Part # TMP320LF2401AVFS
Description  DSP CONTROLLERS
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP320LF2401AVFS Datasheet(HTML) 40 Page - Texas Instruments

Back Button TMP320LF2401AVFS Datasheet HTML 36Page - Texas Instruments TMP320LF2401AVFS Datasheet HTML 37Page - Texas Instruments TMP320LF2401AVFS Datasheet HTML 38Page - Texas Instruments TMP320LF2401AVFS Datasheet HTML 39Page - Texas Instruments TMP320LF2401AVFS Datasheet HTML 40Page - Texas Instruments TMP320LF2401AVFS Datasheet HTML 41Page - Texas Instruments TMP320LF2401AVFS Datasheet HTML 42Page - Texas Instruments TMP320LF2401AVFS Datasheet HTML 43Page - Texas Instruments TMP320LF2401AVFS Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 88 page
background image
TMS320LF2401A, TMS320LC2401A
DSP CONTROLLERS
SPRS161K − MARCH 2001 − REVISED JULY 2007
40
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
PWM characteristics
Characteristics of the PWMs are as follows:
D 16-bit registers
D Programmable deadband for the PWM output pairs, from 0 to 12 µs
D Minimum deadband width of 25 ns
D Change of the PWM carrier frequency for PWM frequency wobbling as needed
D Change of the PWM pulse widths within and after each PWM period as needed
D External-maskable power and drive-protection interrupts
D Pulse-pattern-generator circuit, for programmable generation of asymmetric, symmetric, and four-space
vector PWM waveforms
D Minimized CPU overhead using auto-reload of the compare and period registers
D The PWM pins are driven to a high-impedance state when the PDPINTA pin is driven low and after
PDPINTA signal qualification. The status of the PDPINTA pin (after qualification) is reflected in bit 8 of the
COMCONA register.
capture unit
The capture unit provides a logging function for different events or transitions. The values of the selected GP
timer counter is captured and stored in the two-level-deep FIFO stack when selected transitions are detected
on the capture input pin, CAP1. The capture unit consists of three capture circuits.
The capture unit includes the following features:
D One 16-bit capture control register, CAPCONA (R/W)
D One 16-bit capture FIFO status register, CAPFIFOA
D Selection of GP timer 1/2 as the time base
D One 16-bit 2-level-deep FIFO stack
D One capture input pin (CAP1). [The input is synchronized with the device (CPU) clock. In order for a
transition to be captured, the input must hold at its current level to meet two rising edges of the device clock.]
D User-specified transition (rising edge, falling edge, or both edges) detection
D One maskable interrupt flag
input qualifier circuitry
An input-qualifier circuitry qualifies the input signal to the CAP1, XINT1/2, ADCSOC, and PDPINTA pins in the
2401A device. (The I/O functions of these pins do not use the input-qualifier circuitry). The state of the internal
input signal will change only after the pin is high/low for 6(12) clock edges. This ensures that a glitch smaller
than 5(11) CLKOUT cycles wide will not change the internal pin input state. The user must hold the pin high/low
for 6(12) cycles to ensure the device will see the level change. Bit 6 of the SCSR2 register controls whether
6 clock edges (bit 6 = 0) or 12 clock edges (bit 6 = 1) are used to block 5- or 11-cycle glitches.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com