Electronic Components Datasheet Search
  English  ▼

X  

TMP320LF2401AVFS Datasheet(PDF) 54 Page - Texas Instruments

Part # TMP320LF2401AVFS
Description  DSP CONTROLLERS
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP320LF2401AVFS Datasheet(HTML) 54 Page - Texas Instruments

Back Button TMP320LF2401AVFS Datasheet HTML 50Page - Texas Instruments TMP320LF2401AVFS Datasheet HTML 51Page - Texas Instruments TMP320LF2401AVFS Datasheet HTML 52Page - Texas Instruments TMP320LF2401AVFS Datasheet HTML 53Page - Texas Instruments TMP320LF2401AVFS Datasheet HTML 54Page - Texas Instruments TMP320LF2401AVFS Datasheet HTML 55Page - Texas Instruments TMP320LF2401AVFS Datasheet HTML 56Page - Texas Instruments TMP320LF2401AVFS Datasheet HTML 57Page - Texas Instruments TMP320LF2401AVFS Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 88 page
background image
TMS320LF2401A, TMS320LC2401A
DSP CONTROLLERS
SPRS161K − MARCH 2001 − REVISED JULY 2007
54
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
device and development support tool nomenclature (continued)
TI device nomenclature also includes a suffix with the device family name. This suffix indicates the package type
(for example, VF) and temperature range (for example, A). Figure 20 provides a legend for reading the complete
TMS320Lx2401A device name.
PREFIX
TMS 320
LF 2401A
VF
TMX = experimental device
TMP = prototype device
TMS = qualified device
DEVICE FAMILY
320 = TMS320
 DSP Family
TECHNOLOGY
PACKAGE TYPE†
VF
= 32-pin LQFP
LC = Low-voltage CMOS (3.3 V)
LF = Flash EEPROM (3.3 V)
DEVICE
2401A
† LQFP = Low-Profile Quad Flatpack
A
TEMPERATURE RANGE
A
= −40
°C to 85°C
S
= −40
°C to 125°C
Figure 20. TMS320Lx2401A Device Nomenclature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com