Electronic Components Datasheet Search
  English  ▼

X  

SC1531 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC1531
Description  200mA & 250mA SmartLDOs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1531 Datasheet(HTML) 5 Page - Semtech Corporation

  SC1531 Datasheet HTML 1Page - Semtech Corporation SC1531 Datasheet HTML 2Page - Semtech Corporation SC1531 Datasheet HTML 3Page - Semtech Corporation SC1531 Datasheet HTML 4Page - Semtech Corporation SC1531 Datasheet HTML 5Page - Semtech Corporation SC1531 Datasheet HTML 6Page - Semtech Corporation SC1531 Datasheet HTML 7Page - Semtech Corporation SC1531 Datasheet HTML 8Page - Semtech Corporation SC1531 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
ã 2000 Semtech Corp.
www.semtech.com
SC1531(A)
POWER MANAGEMENT
(SOIC-8)
(TOP VIEW)
Pin Configuration
Note:
(1) Only available in tape and reel packaging. A reel
contains 2500 devices.
r
e
b
m
u
N
t
r
a
P
)
1
(
t
n
e
r
r
u
C
t
u
p
t
u
Oe
g
a
k
c
a
P
R
T
.
S
C
1
3
5
1
C
SA
m
0
0
28
-
O
S
R
T
.
S
C
A
1
3
5
1
C
SA
m
0
5
28
-
O
S
Ordering Information
Block Diagram
n
i
Pe
m
a
N
n
i
Pn
o
it
c
n
u
F
n
i
P
1N
I
V.
V
5
y
ll
a
n
i
m
o
n
,
C
I
e
h
t
r
o
f
y
l
p
p
u
s
t
u
p
n
i
n
i
a
m
e
h
t
s
i
s
i
h
T
2C
N.
n
o
it
c
e
n
n
o
c
o
N
3X
U
A
V
y
lt
h
g
il
s
ll
i
w
d
n
a
,l
a
n
o
it
p
o
s
i
n
i
p
s
i
h
t
f
o
n
o
it
c
e
n
n
o
C
.
V
3
.
3
y
ll
a
n
i
m
o
n
,
y
l
p
p
u
s
t
u
p
n
i
y
r
a
il
i
x
u
a
e
h
t
s
i
s
i
h
T
.
d
e
s
u
t
o
n
fi
g
n
it
a
o
lf
e
v
a
e
L
.
T
E
F
S
O
M
l
a
n
r
e
t
x
e
e
h
t
f
o
e
m
it
n
o
-
n
r
u
t
e
h
t
e
v
o
r
p
m
i
4D
N
G.
d
n
u
o
r
g
r
e
w
o
p
d
n
a
c
i
g
o
L
5C
N.
n
o
it
c
e
n
n
o
c
o
N
6E
S
N
E
S
fI
.
s
e
c
a
rt
B
C
P
s
s
o
r
c
a
p
o
r
d
e
g
a
tl
o
v
e
z
i
m
i
n
i
m
o
t
d
a
o
l
e
h
t
t
a
O
V
o
t
t
c
e
n
n
o
C
.
O
V
r
o
f
n
i
p
e
s
n
e
S
.
7
n
i
p
o
t
y
lt
c
e
ri
d
t
c
e
n
n
o
c
,
d
e
ri
u
q
e
r
t
o
n
s
i
n
o
it
c
n
u
f
e
s
n
e
s
e
t
o
m
e
r
7O
V.t
u
p
t
u
o
V
3
.
3
O
D
L
8R
D.t
n
e
m
e
l
e
s
s
a
p
T
E
F
S
O
M
l
e
n
n
a
h
c
-
P
l
a
n
r
e
t
x
e
r
o
f
t
u
p
t
u
o
r
e
v
ir
D
Pin Descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com