Electronic Components Datasheet Search
  English  ▼

X  

SC1531 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC1531
Description  200mA & 250mA SmartLDOs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1531 Datasheet(HTML) 1 Page - Semtech Corporation

  SC1531 Datasheet HTML 1Page - Semtech Corporation SC1531 Datasheet HTML 2Page - Semtech Corporation SC1531 Datasheet HTML 3Page - Semtech Corporation SC1531 Datasheet HTML 4Page - Semtech Corporation SC1531 Datasheet HTML 5Page - Semtech Corporation SC1531 Datasheet HTML 6Page - Semtech Corporation SC1531 Datasheet HTML 7Page - Semtech Corporation SC1531 Datasheet HTML 8Page - Semtech Corporation SC1531 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
www.semtech.com
SC1531(A)
200mA & 250mA SmartLDOsTM
POWER MANAGEMENT
Revision 1, December 2000
The SC1531(A) is designed to maintain a glitch-free 3.3V
output when at least one of two inputs, 5V (VIN) and
3.3V (VAUX), is present.
Whenever VIN exceeds a predetermined threshold value,
the internal 3.3V linear regulator is enabled, and DR is
pulled high.
When VIN falls below a lower threshold value, DR is pulled
low and the internal linear regulator is turned off. DR has
been designed to drive the gate of an external low
threshold P-channel MOSFET, which can be used to
connect the 3.3V supply directly to the regulator output.
This ensures an uninterrupted 3.3V output even if VIN
falls out of specification. A typical R
DS(ON) of 400mW is
recommended (320mW for SC1531A).
When both supplies are simultaneously available, the
drive pin (DR) will be pulled High, turning off the external
PMOS switch.
The internal 5V detector has its upper threshold (for VIN
rising) set to 4.18V (typical) while the lower threshold (for
VIN falling) is at 4.05V (typical) giving a hysteresis of
approximately 130mV.
The SENSE pin, which is connected to the load, connects
internally to the inverting input of the LDO error
amplifier. It enables tight regulation of the load voltage
(while the 5V supply is present) despite variations in load
current.
The SC1531(A) is available in the popular SO-8 surface
mount package.
u Glitch-free transition between input sources
u Internal logic selects input source
u Gate drive for external PMOS bypass switch
u 5V detection with hysteresis
u 1% regulated output voltage accuracy
u 200mA load current capability (250mA for SC1531A)
u Remote sense
u SO-8 package
u Desktop Computers
u Network Interface Cards (NICs)
u PCMCIA/PCI Interface Cards
u CardbusTM Technology
u Power supplies with multiple input sources
5V
3.3V
3.3V OUT
Q1
C4
4.7uF
C5
0.1uF
C3
0.1uF
C2
4.7uF
C1
0.1uF
U1
SC1531
1
2
3
4
5
6
7
8
VIN
NC
VAUX
GND
NC
SENSE
VO
DR
Notes for Typical Application Circuit:
(1) External switch (Q1): use Motorola MGSF1P02ELT1
or equivalent (PMOS, typical Gate Threshold Voltage =
1V, typical R
DS(ON) = 0.4W at VGS = 2.5V) for SC1531. Use
Vishay Si2301DS or equivalent for SC1531A.
(2) Connection of VAUX (pin 3) is optional.
Description
Features
Applications
Typical Application Circuit


Similar Part No. - SC1531

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1532 SEMTECH-SC1532 Datasheet
109Kb / 9P
400mA SmartLDOTM with Internal Pass MOSFET
SC1532CS SEMTECH-SC1532CS Datasheet
109Kb / 9P
400mA SmartLDOTM with Internal Pass MOSFET
logo
Littelfuse
SC1533-01FTG LITTELFUSE-SC1533-01FTG Datasheet
613Kb / 5P
Bidirectional 3.3V, 15A, SOD323, General purpose ESD Protection
2022 Littelfuse, Inc.
SC1533-01LTG LITTELFUSE-SC1533-01LTG Datasheet
580Kb / 5P
Bidirectional 3.3V, 15A, SOD523, General purpose ESD Protection
2022 Littelfuse, Inc
logo
Semtech Corporation
SC1534 SEMTECH-SC1534 Datasheet
94Kb / 7P
400mA SmartLDOTM
More results

Similar Description - SC1531

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4789 MAXIM-MAX4789 Datasheet
325Kb / 12P
200mA/250mA/300mA Current-Limit Switches
Rev 2; 2/05
logo
List of Unclassifed Man...
BM9166 ETC1-BM9166 Datasheet
253Kb / 9P
250mA CMOS LDO
logo
Mitsumi Electronics, Co...
MM312 MITSUMI-MM312 Datasheet
74Kb / 2P
250mA CMOS Regulator
logo
Maxim Integrated Produc...
MAX4789 MAXIM-MAX4789_08 Datasheet
168Kb / 11P
200mA/250mA/300mA Current-Limit Switches
Rev 3; 10/08
logo
Central Semiconductor C...
PB-CMKT3920_1509 CENTRAL-PB-CMKT3920_1509 Datasheet
1Mb / 2P
50V, 200mA
logo
Mitsumi Electronics, Co...
MM3566 MITSUMI-MM3566 Datasheet
200Kb / 23P
200mA LDO
MM1836 MITSUMI-MM1836 Datasheet
222Kb / 19P
200mA LDO
MM1856 MITSUMI-MM1856 Datasheet
243Kb / 21P
200mA LDO
MM1886 MITSUMI-MM1886 Datasheet
183Kb / 21P
250mA/300mA LDO
logo
Maxim Integrated Produc...
MAX4789 MAXIM-MAX4789_V01 Datasheet
1Mb / 12P
200mA/250mA/300mA Current-Limit Switches
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com