Electronic Components Datasheet Search
  English  ▼

X  

SC1531 Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC1531
Description  200mA & 250mA SmartLDOs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1531 Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC1531 Datasheet HTML 3Page - Semtech Corporation SC1531 Datasheet HTML 4Page - Semtech Corporation SC1531 Datasheet HTML 5Page - Semtech Corporation SC1531 Datasheet HTML 6Page - Semtech Corporation SC1531 Datasheet HTML 7Page - Semtech Corporation SC1531 Datasheet HTML 8Page - Semtech Corporation SC1531 Datasheet HTML 9Page - Semtech Corporation SC1531 Datasheet HTML 10Page - Semtech Corporation SC1531 Datasheet HTML 11Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
ã 2000 Semtech Corp.
www.semtech.com
SC1531(A)
POWER MANAGEMENT
Trace 1: VIN with 3A charging a 1500uF capacitor
Trace 2: DR going high at V
TH(HI)
Trace 3: VO, offset 3.3V. VO(MIN) = 3.19V
VO(MIN) With VIN Rising(2)
Trace 1: VIN - discharging a 1500uF capacitor
Trace 2: DR going low at V
TH(LO)
Trace 3: VO, offset 3.3V. VO(MIN) = 3.14V
VO(MIN) With VIN Falling(2)
Typical Characteristics (Cont.)(1)
Drive High Delay
Trace 1: VIN stepping from 3V to 5.5V
Trace 2: DR going high at V
TH(HI)
t
DH < 225ns
Drive Low Delay
Trace 1: VIN stepping from 5.5V to 3V
Trace 2: DR going low at V
TH(LO)
t
DL < 125ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com