Electronic Components Datasheet Search
  English  ▼

X  

SC1531 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC1531
Description  200mA & 250mA SmartLDOs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1531 Datasheet(HTML) 3 Page - Semtech Corporation

  SC1531 Datasheet HTML 1Page - Semtech Corporation SC1531 Datasheet HTML 2Page - Semtech Corporation SC1531 Datasheet HTML 3Page - Semtech Corporation SC1531 Datasheet HTML 4Page - Semtech Corporation SC1531 Datasheet HTML 5Page - Semtech Corporation SC1531 Datasheet HTML 6Page - Semtech Corporation SC1531 Datasheet HTML 7Page - Semtech Corporation SC1531 Datasheet HTML 8Page - Semtech Corporation SC1531 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
ã 2000 Semtech Corp.
www.semtech.com
SC1531(A)
POWER MANAGEMENT
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
it
i
d
n
o
C
t
s
e
Tn
i
Mp
y
Tx
a
Ms
ti
n
U
t
c
e
t
e
D
V
5
)
3
()
2
()
1
(
e
g
a
tl
o
V
d
l
o
h
s
e
r
h
T
w
o
LV
)
O
L
(
H
T
g
n
ill
a
F
N
I
V
0
9
.
3
5
0
.
4
0
2
.
4
V
s
i
s
e
r
e
t
s
y
HV
T
S
Y
H
0
90
0
2V
m
0
8
e
g
a
tl
o
V
d
l
o
h
s
e
r
h
T
h
g
i
HV
)I
H
(
H
T
g
n
i
s
i
R
N
I
V
0
3
.
4
V
O
V
e
g
a
tl
o
V
t
u
p
t
u
O
O
D
LO
VI
O
A
m
0
2
=7
6
2
.
30
0
3
.
33
3
3
.
3V
V
3
.
4
£ N
I
V £
A
m
0
,
V
5
.
5
£ I
O £ I
)
X
A
M
(
O
4
3
2
.
36
6
3
.
3
V
9
.
3
£ N
I
V £
,
V
3
.
3
=
X
U
A
V
,
V
3
.
4
A
m
0
£ I
O £ I
)
X
A
M
(
O
)
4
(
0
0
0
.
3
n
o
it
a
l
u
g
e
R
e
n
i
LG
E
R
)
E
N
I
L
(
V
5
.
5
o
t
V
3
.
4
=
N
I
V2
1
.
00
4
.
0
%
0
6
.
0
n
o
it
a
l
u
g
e
R
d
a
o
LG
E
R
)
D
A
O
L
(
I
O
I
o
t
A
m
0
2
=
)
X
A
M
(
O
2
1
.
00
4
.
0%
0
6
.
0
E
S
N
E
S
e
c
n
a
d
e
p
m
I
n
i
P
E
S
N
E
SR
E
S
N
E
S
0
.
6
5
.
8kW
R
D
e
g
a
tl
o
V
e
v
ir
DV
R
D
V
3
.
4
£ N
I
V £
I
,
V
5
.
5
R
D
A
µ
0
0
2
=4
.
38
.
0
-
N
I
VV
3
.
3
V
<
N
I
V
)
O
L
(
H
T
I
,
R
D
A
µ
0
0
2
-
=5
30
5
1V
m
0
0
2
t
n
e
rr
u
C
e
v
ir
D
k
a
e
PI
)
K
P
(
R
D
V
,
V
9
.
3
=
N
I
V
:
g
n
i
k
n
i
S
R
D
;
V
1
=7
A
m
V
-
N
I
V
(
,
V
3
.
4
=
N
I
V
:
g
n
i
c
r
u
o
S
R
D
V
2
=
)
6
y
a
l
e
D
h
g
i
H
e
v
ir
D
)
5
(
)
1
(
t
H
D
C
R
D
d
e
r
u
s
a
e
m
,
p
u
g
n
i
p
m
a
r
N
I
V
,
F
n
2
.
1
=5
.
00
.
1s
µ
V
=
N
I
V
m
o
rf
)I
H
(
H
T
V
o
t
R
D
V
2
=
0
.
2
y
a
l
e
D
w
o
L
e
v
ir
D
)
5
(
)
1
(
t
L
D
C
R
D
d
e
r
u
s
a
e
m
,
n
w
o
d
g
n
i
p
m
a
r
N
I
V
,
F
n
2
.
1
=5
.
00
.
1s
µ
V
=
N
I
V
m
o
rf
)
O
L
(
H
T
V
o
t
R
D
V
2
=
0
.
2
Electrical Characteristics (Cont.)
Unless specified: T
A = 25°C, VIN = 5V, VAUX = 3.3V, IO = max. rated, CO = 4.7µF. Values in bold apply over full operating temperature range.
See next page for Notes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com