Electronic Components Datasheet Search
  English  ▼

X  

SC1531 Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC1531
Description  200mA & 250mA SmartLDOs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1531 Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC1531 Datasheet HTML 3Page - Semtech Corporation SC1531 Datasheet HTML 4Page - Semtech Corporation SC1531 Datasheet HTML 5Page - Semtech Corporation SC1531 Datasheet HTML 6Page - Semtech Corporation SC1531 Datasheet HTML 7Page - Semtech Corporation SC1531 Datasheet HTML 8Page - Semtech Corporation SC1531 Datasheet HTML 9Page - Semtech Corporation SC1531 Datasheet HTML 10Page - Semtech Corporation SC1531 Datasheet HTML 11Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
ã 2000 Semtech Corp.
www.semtech.com
SC1531(A)
POWER MANAGEMENT
JEDEC REF: MS-012AA
Outline Drawing - SO-8
Land Pattern - SO-8
Semtech Corporation
Power Management Products Division
652 Mitchell Rd., Newbury Park, CA 91320
Phone: (805)498-2111 FAX (805)498-3804
Contact Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com