Electronic Components Datasheet Search
  English  ▼

X  

LTC2635 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2635
Description  Quad 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2635 Datasheet(HTML) 1 Page - Linear Technology

  LTC2635 Datasheet HTML 1Page - Linear Technology LTC2635 Datasheet HTML 2Page - Linear Technology LTC2635 Datasheet HTML 3Page - Linear Technology LTC2635 Datasheet HTML 4Page - Linear Technology LTC2635 Datasheet HTML 5Page - Linear Technology LTC2635 Datasheet HTML 6Page - Linear Technology LTC2635 Datasheet HTML 7Page - Linear Technology LTC2635 Datasheet HTML 8Page - Linear Technology LTC2635 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
LTC2635

2635fb
Block Diagram
Description
Quad 12-/10-/8-Bit I2C VOUT
DACs with 10ppm/°C Reference
The LTC®2635 is a family of quad 12-, 10-, and 8-bit
voltage-output DACs with an integrated, high-accuracy,
low-drift reference in a 16-pin QFN or a 10-lead MSOP
package. It has rail-to-rail output buffers and is guaran-
teed monotonic. The LTC2635-L has a full-scale output
of 2.5V, and operates from a single 2.7V to 5.5V supply.
The LTC2635-H has a full-scale output of 4.096V, and
operates from a 4.5V to 5.5V supply. Each DAC can also
operate with an external reference, which sets the full-
scale output to the external reference voltage.
These DACs communicate via a 2-wire I2C-compatible
serialinterface.TheLTC2635operatesinboththestandard
mode (clock rate of 100kHz) and the fast mode (clock rate
of 400kHz). The LTC2635 incorporates a power-on reset
circuit. Options are available for reset to zero-scale, reset
tomid-scaleininternalreferencemode,resettomid-scale
in external reference mode, or reset with all DAC outputs
in a high-impedance state after power-up.
Integral Nonlinerity
Features
applications
n
Integrated Precision Reference
2.5V Full-Scale 10ppm/°C (LTC2635-L)
4.096V Full-Scale 10ppm/°C (LTC2635-H)
n
Maximum INL Error: ±2.5 LSB (LTC2635-12)
n
Power-On-Reset to Zero-Scale/Mid-Scale/Hi-Z
n
Low Noise: 0.75mVP-P 0.1Hz to 200kHz
n
Guaranteed Monotonic Over –40°C to 125°C
Automotive Temperature Range
n
Selectable Internal or External Reference
n
2.7V to 5.5V Supply Range (LTC2635-L)
n
Ultralow Crosstalk Between DACs (3nV•s)
n
Low Power: 0.6mA at 3V
n
Double-Buffered Data Latches
n
Small 16-Pin 3mm × 3mm QFN and 10-Lead MSOP
Packages
n
Mobile Communications
n
Process Control and Industrial Automation
n
Power Supply Margining
n
Portable Equipment
n
Automotive
DAC A
VOUTA
(REFLO)
(LDAC)
CA0
(CA1)
(CA2)
( ) QFN PACKAGE ONLY
GND
VOUTB
VREF
DAC D
DAC B
DAC C
VREF
VOUTD
REF
VCC
VREF
VOUTC
SWITCH
INTERNAL
REFERENCE
I2C INTERFACE
DECODE
I2C
ADDRESS
DECODE
POWER-ON
RESET
SCL
SDA
2635 BD
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks and
ThinSOT is a trademark of Linear Technology Corporation. All other trademarks are the property
of their respective owners. Protected by U.S. Patents, including 5396245, 5859606, 6891433,
6937178, 7414561.
CODE
0
2
1
0
–1
–2
1024
3072
2635 TA01
4095
2048
VCC = 3V
INTERNAL REF.


Similar Part No. - LTC2635

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2635 LINER-LTC2635 Datasheet
440Kb / 32P
Mobile Communications
LTC2635 LINER-LTC2635 Datasheet
584Kb / 24P
Dual 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
LTC2635 LINER-LTC2635 Datasheet
758Kb / 20P
Quad 12-/10-/8-Bit PWM to VOUT DACs with 10ppm/째C Reference
logo
Analog Devices
LTC2635 AD-LTC2635 Datasheet
736Kb / 32P
Quad 12-/10-/8-Bit I2C DACs Reference
logo
Linear Technology
LTC2635 LINER-LTC2635_15 Datasheet
531Kb / 32P
Quad 12-/10-/8-Bit I2C VOUT DACs with 10ppm/C Reference
More results

Similar Description - LTC2635

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2631 LINER-LTC2631 Datasheet
354Kb / 28P
Single 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
LTC2640 LINER-LTC2640 Datasheet
345Kb / 24P
Single 12-/10-/8-Bit SPI VOUT DACs with 10ppm/째C Reference
LTC2633 LINER-LTC2633 Datasheet
584Kb / 24P
Dual 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
LTC2637 LINER-LTC2637_1 Datasheet
431Kb / 28P
Octal 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
LTC2631 LINER-LTC2631_15 Datasheet
404Kb / 28P
Single 12-/10-/8-Bit I2C VOUT DACs with 10ppm/C Reference
LTC2633 LINER-LTC2633_15 Datasheet
588Kb / 24P
Dual 12-/10-/8-Bit I2C VOUT DACs with 10ppm/C Reference
LTC2635 LINER-LTC2635_15 Datasheet
531Kb / 32P
Quad 12-/10-/8-Bit I2C VOUT DACs with 10ppm/C Reference
LTC2637 LINER-LTC2637_15 Datasheet
436Kb / 28P
Octal 12-/10-/8-Bit I2C VOUT DACs with 10ppm/C Reference
LTC2644 LINER-LTC2644 Datasheet
747Kb / 20P
Dual 12-/10-/8-Bit PWM to VOUT DACs with 10ppm/째C Reference
LTC2645 LINER-LTC2645 Datasheet
758Kb / 20P
Quad 12-/10-/8-Bit PWM to VOUT DACs with 10ppm/째C Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com