Electronic Components Datasheet Search
  English  ▼

X  

LTC2635 Datasheet(PDF) 32 Page - Linear Technology

Part # LTC2635
Description  Quad 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2635 Datasheet(HTML) 32 Page - Linear Technology

Back Button LTC2635 Datasheet HTML 24Page - Linear Technology LTC2635 Datasheet HTML 25Page - Linear Technology LTC2635 Datasheet HTML 26Page - Linear Technology LTC2635 Datasheet HTML 27Page - Linear Technology LTC2635 Datasheet HTML 28Page - Linear Technology LTC2635 Datasheet HTML 29Page - Linear Technology LTC2635 Datasheet HTML 30Page - Linear Technology LTC2635 Datasheet HTML 31Page - Linear Technology LTC2635 Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
LTC2635

2635fb
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
LINEAR TECHNOLOGY CORPORATION 2009
LT 0610 REV B • PRINTED IN USA
relateD parts
Voltage Margining Application with LTC3850 (1.2V ±5%) –LTC2635– LMO Option Only
typical application
2635 TA02
0.1µF
5V
REF
7
2
3
4
5
TO I2C
BUS
2635 TA03
6
VCC
CAO
SCL
SDA
GND
LTC2635CMSE-LMOI2
DAC A
DAC B
DAC D
DAC C
1
9
10k
15k
0.22µF
10
8
BOOST1
TG1
SW1
BG1
PGND
SENSE+
RUN1
SENSE–
VFB1
PGOOD
INTVCC
10
10
1nF
2.2µH
0.008
VIN
6.5V TO 14V
VOUT
1.2V ±5%
MODE/PLLIN
500kHz
FREQ
TK/SS1
ILIM
VIN
2.2
100k
ITH1
10k
LTC3850EUF
1nF
3.32k
1nF
100pF
10k
10nF
0.1µF
0.1µF
0.1µF
SGND
20k
4.7µF
15pF
63.4k
DAC D
VOUT
OUTPUT DAC CODE
1.26V
0.5V
819
1.2V
0.8V
1311
1.14V
1.1V
1802
PART NUMBER
DESCRIPTION
COMMENTS
LTC2654/LTC2655 Quad 16-/12 Bit, SPI/I2C VOUT DACs with 10ppm/°C
Maximum Reference
±4LSB INL Maximum at 16 Bits and ±2mV Offset Error, Rail-to-Rail Output,
20-Lead 4mm
× 4mm QFN and 16-Lead Narrow SSOP Packages
LTC2609/LTC2619/
LTC2629
Quad 16-/14-/12-Bit VOUT DACs with I2C Interface
250µA per DAC, 2.7V to 5.5V Supply Range, Rail-to-Rail Output with
Separate VREF Pins for Each DAC
LTC2604/LTC2614/
LTC2624
Quad 16-/14-/12-Bit, SPI VOUT DACs with External
Reference
250µA per DAC, 2.5V to 5.5V Supply Range, Rail-to-Rail Output, 16-Lead
SSOP Package
LTC2634
Quad 12-/10-/8-Bit SPI VOUT DACs with 10ppm/°C
Reference
125µA per DAC, 2.7V to 5.5V Supply Range, 10ppm/°C Reference, External
REF Mode, Rail-to-Rail Output, 16-Pin 3mm
× 3mm QFN and 10-Lead MSOP
Packages
LTC2656/LTC2657 Octal 16-/12 Bit, SPI/I2C VOUT DACs with 10ppm/°C
Maximum Reference
±4LSB INL Maximum at 16 Bits and ±2mV Offset Error, Rail-to-Rail Output,
20-Lead 4mm
× 5mm QFN and 16-Lead TSSOP Packages
LTC2636/LTC2637 Octal 12-/10-/8-Bit, SPI/I2C VOUT DACs with
10ppm/°C Reference
125µA per DAC, 2.7V to 5.5V Supply Range, 10ppm/°C Reference, External
REF Mode, Rail-to-Rail Output, 14-Lead 4mm
× 3mm DFN and 16-Lead
MSOP Packages
LTC2630/LTC2631 Single 12-/10-/8-Bit, SPI/ I2C VOUT DACs with
10ppm/°C Reference
180µA per DAC, 2.7V to 5.5V Supply Range, 10ppm/°C Reference,
Rail-to-Rail Output, SC70 (LTC2630)/ThinSOT™ (LTC2631) Packages
LTC2640
Single 12-/10-/8-Bit, SPI VOUT DACs with 10ppm/°C
Reference
180µA per DAC, 2.7V to 5.5V Supply Range, 10ppm/°C Reference, External
REF Mode, Rail-to-Rail Output, ThinSOT Package
LTC1664
Quad 10-Bit, Serial VOUT DAC
VCC = 2.7V to 5.5V, Micropower, Rail-to-Rail Output, 16-Pin Narrow SSOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com