Electronic Components Datasheet Search
  English  ▼

X  

LTC2635 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC2635
Description  Quad 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2635 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC2635 Datasheet HTML 10Page - Linear Technology LTC2635 Datasheet HTML 11Page - Linear Technology LTC2635 Datasheet HTML 12Page - Linear Technology LTC2635 Datasheet HTML 13Page - Linear Technology LTC2635 Datasheet HTML 14Page - Linear Technology LTC2635 Datasheet HTML 15Page - Linear Technology LTC2635 Datasheet HTML 16Page - Linear Technology LTC2635 Datasheet HTML 17Page - Linear Technology LTC2635 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
LTC2635

2635fb
typical perFormance characteristics
Integral Nonlinearity (INL)
Differential Nonlinearity (DNL)
LTC2635-10
Integral Nonlinearity (INL)
Differential Nonlinearity (DNL)
LTC2635-8
Load Regulation
Current Limiting
LTC2635
Offset Error vs Temperature
TA = 25°C, unless otherwise noted.
CODE
0
1.0
0.5
0
–0.5
–1.0
256
768
2635 G15
1023
512
VCC = 3V
VFS = 2.5V
INTERNAL REF
CODE
0
1.0
0.5
0
–0.5
–1.0
256
768
2635 G16
1023
512
VCC = 3V
VFS = 2.5V
INTERNAL REF
CODE
0
0.50
0.25
0
–0.25
–0.50
64
192
2635 G17
255
128
VCC = 3V
VFS = 2.5V
INTERNAL REF
CODE
0
0.50
0.25
0
–0.25
–0.50
64
192
2635 G18
255
128
VCC = 3V
VFS = 2.5V
INTERNAL REF
IOUT (mA)
–30
10
8
6
4
2
–6
–4
–2
0
–8
–10
–20
20
10
0
2635 G19
30
–10
VCC = 5V (LTC2635-H)
VCC = 5V (LTC2635-L)
VCC = 3V (LTC2635-L)
INTERNAL REF.
CODE = MID-SCALE
IOUT (mA)
–30
0.20
0.15
0.10
0.05
–0.15
–0.01
–0.05
0
–0.20
–20
20
10
0
2635 G20
30
–10
VCC = 5V (LTC2635-H)
VCC = 5V (LTC2635-L)
VCC = 3V (LTC2635-L)
INTERNAL REF.
CODE = MID-SCALE
TEMPERATURE (°C)
–50
3
2
1
0
–1
–2
–3
–25
125
100
75
50
25
2635 G21
150
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com