Electronic Components Datasheet Search
  English  ▼

X  

LTC2635 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC2635
Description  Quad 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2635 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC2635 Datasheet HTML 9Page - Linear Technology LTC2635 Datasheet HTML 10Page - Linear Technology LTC2635 Datasheet HTML 11Page - Linear Technology LTC2635 Datasheet HTML 12Page - Linear Technology LTC2635 Datasheet HTML 13Page - Linear Technology LTC2635 Datasheet HTML 14Page - Linear Technology LTC2635 Datasheet HTML 15Page - Linear Technology LTC2635 Datasheet HTML 16Page - Linear Technology LTC2635 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
LTC2635

2635fb
typical perFormance characteristics
Integral Nonlinearity (INL)
Differential Nonlinearity (DNL)
INL vs Temperature
DNL vs Temperature
Reference Output Voltage vs
Temperature
Settling to ±1 LSB Rising
Settling to ±1 LSB Falling
LTC2635-H12 (Internal Reference, VFS = 4.096V)
CODE
0
1.0
0.5
0
–0.5
–1.0
1024
3072
2635 G08
4095
2048
VCC = 5V
CODE
0
1.0
0.5
0
–0.5
–1.0
1024
3072
2635 G09
4095
2048
VCC = 5V
TEMPERATURE (°C)
–50
1.0
0.5
0
–0.5
–1.0
–25
125
100
75
50
25
2635 G10
150
0
VCC = 5V
INL (POS)
INL (NEG)
TEMPERATURE (°C)
–50
1.0
0.5
0
–0.5
–1.0
–25
125
100
75
50
25
2635 G11
150
0
VCC = 5V
DNL (POS)
DNL (NEG)
TEMPERATURE (°C)
–50
2.068
2.058
2.048
2.038
2.028
–25
125
100
75
50
25
2635 G12
150
0
VCC = 5V
TA = 25°C, unless otherwise noted.
2µs/DIV
VOUT
1 LSB/DIV
SCL
5V/DIV
2635 G13
1/4 SCALE TO 3/4 SCALE STEP
VCC = 5V, VFS = 4.095V
RL = 2k, CL = 100pF
AVERAGE OF 256 EVENTS
3.9µs
9th CLOCK OF 3rd
DATA BYTE
2µs/DIV
VOUT
1 LSB/DIV
SCL
5V/DIV
2635 G14
3/4 SCALE TO
1/4 SCALE STEP
VCC = 5V, VFS = 4.095V
RL = 2k, CL = 100pF
AVERAGE OF 256 EVENTS
5µs
9th CLOCK OF 3rd
DATA BYTE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com