Electronic Components Datasheet Search
  English  ▼

X  

GP2W0104YP Datasheet(PDF) 8 Page - Sharp Corporation

Part # GP2W0104YP
Description  115 kbps Transceiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2W0104YP Datasheet(HTML) 8 Page - Sharp Corporation

Back Button GP2W0104YP Datasheet HTML 4Page - Sharp Corporation GP2W0104YP Datasheet HTML 5Page - Sharp Corporation GP2W0104YP Datasheet HTML 6Page - Sharp Corporation GP2W0104YP Datasheet HTML 7Page - Sharp Corporation GP2W0104YP Datasheet HTML 8Page - Sharp Corporation GP2W0104YP Datasheet HTML 9Page - Sharp Corporation GP2W0104YP Datasheet HTML 10Page - Sharp Corporation GP2W0104YP Datasheet HTML 11Page - Sharp Corporation GP2W0104YP Datasheet HTML 12Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
GP2W0104YP
115 kbps Transceiver
8
IrDA Data Sheet
RELIABILITY
NOTES:
1. The sample to be tested shall be left at normal temperature and humidity for
2 hours after it is taken out of the chamber. No dew point.
2. Refer to the ‘Precautions for Soldering’ section for temperature profile.
3. Confidence level: 90%
4. LTPD: 10%/20%.
TEST ITEMS
TEST CONDITIONS
FAILURE JUDGEMENT
CRITERIA
SAMPLES
(n)
DEFEC-
TIVE (c)
NOTE
Temperature cycling
1 cycle -30°C to 85°C
(30 minutes) 20 cycles test
IDD > Up × 1.2
L < Low × 0.8
IE < Low × 0.8
IE > Up × 1.2
Up: Upper
Specification Limint
Low: Lower
Specification Limint
n = 22
c = 0
1, 3, 4
High temperature and high
humidity storage
+40°C, 90% RH, 20 hours
n = 22
c = 0
1, 3, 4
High temperature storage
+85°C, 240 hours
n = 22
c = 0
1, 3, 4
Low temperature storage
-30°C, 240 hours
n = 22
c = 0
1, 3, 4
Operation life 1
+25°C, VDD = 3.3 V, 240 hours
n = 11
c = 0
1, 3, 4
Operation life 2
+25°C, VDD = LEDA = 3.3 V,
240 hours, Pulse width 78.1 µs,
Duty ratio 3/16
n = 11
c = 0
1, 3, 4
Mechanical shock
1000 m/s2, 6 ms,
3 times/±X, ±Y, ±Z direction
n = 11
c = 0
3, 4
Variable frequency
vibration
200 m/s2,
100 to 2,000 to 100 Hz for
Approximately 4 minutes
48 minutes/X, Y, Z direction
n = 11
c = 0
3, 4
Reflow solder head
230°C, 5 s
n = 11
c = 0
2, 3, 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com