Electronic Components Datasheet Search
  English  ▼

X  

GP2W0104YP Datasheet(PDF) 9 Page - Sharp Corporation

Part # GP2W0104YP
Description  115 kbps Transceiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2W0104YP Datasheet(HTML) 9 Page - Sharp Corporation

Back Button GP2W0104YP Datasheet HTML 5Page - Sharp Corporation GP2W0104YP Datasheet HTML 6Page - Sharp Corporation GP2W0104YP Datasheet HTML 7Page - Sharp Corporation GP2W0104YP Datasheet HTML 8Page - Sharp Corporation GP2W0104YP Datasheet HTML 9Page - Sharp Corporation GP2W0104YP Datasheet HTML 10Page - Sharp Corporation GP2W0104YP Datasheet HTML 11Page - Sharp Corporation GP2W0104YP Datasheet HTML 12Page - Sharp Corporation GP2W0104YP Datasheet HTML 13Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
115 kbps Transceiver
GP2W0104YP
IrDA Data Sheet
9
PRECAUTIONS FOR SOLDERING
Solder Reflow
Solder only once at the temperature and the time
within the temperature profile as shown in Figure 14.
Other Precautions
An infrared lamp used to heat up for soldering may
cause a localized temperature rise in the resin. So keep
the package temperature within that specified in Figure
14. Also avoid immersing the resin part in the solder.
Even if within the temperature profile shown in Figure 14,
there is the possibility that the gold wire in the package
may break if the deformation of the PCB affects the lead
pins. Use after fully confirming the conditions of actual
solder reflow machine.
Soldering
• Soldering iron shall be less than 25 W, and temper-
ature of soldering iron point shall be used at less
than 260°C.
• Soldering time shall be within 5 seconds.
• Soldered product shall treat at normal temperature.
• Solder: 6/4 solder or included Ag solder.
Figure 14. Temperature Profile
1 - 4
°C/s
200
°C
230
°C
MAX.
165
°C
MAX.
25
°C
120 s MAX.
90 s MAX.
60 s MAX.
5 s MAX.
1 - 4
°C/s
1 - 4
°C/s
GP2W0104YP-14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com