Electronic Components Datasheet Search
  English  ▼

X  

GP2W0104YP Datasheet(PDF) 7 Page - Sharp Corporation

Part # GP2W0104YP
Description  115 kbps Transceiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2W0104YP Datasheet(HTML) 7 Page - Sharp Corporation

Back Button GP2W0104YP Datasheet HTML 3Page - Sharp Corporation GP2W0104YP Datasheet HTML 4Page - Sharp Corporation GP2W0104YP Datasheet HTML 5Page - Sharp Corporation GP2W0104YP Datasheet HTML 6Page - Sharp Corporation GP2W0104YP Datasheet HTML 7Page - Sharp Corporation GP2W0104YP Datasheet HTML 8Page - Sharp Corporation GP2W0104YP Datasheet HTML 9Page - Sharp Corporation GP2W0104YP Datasheet HTML 10Page - Sharp Corporation GP2W0104YP Datasheet HTML 11Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
115 kbps Transceiver
GP2W0104YP
IrDA Data Sheet
7
Figure 10. Output Waveform Specification
(Emitter Side)
tR
tF
90%
10%
IE
GP2W0104YP-10
Figure 11. Standard Optical System (Emitter Side)
GP2W0104YP-11
φ
φ
DETECTOR FOR
RADIATION INTENSITY
MEASURING
GP2W0104YP
NOTE:
φ indicates horizontal
and vertical directions
Figure 12. Recommended Circuit (Emitter Side)
1.63
µs
VIN Tx = 2.8 V
GP2W0104YP
TXD
LEDA
VDD = 3.3 V
BR = 115.2 Kbps
GP2W0104YP-12
Figure 13. Peak Forward Current
Versus Ambient Temperature
GP2W0104YP-13
PEAK
FORWARD
CURRENT
IFM (mA)
60
40
25
20
-20
85
100
75
50
25
AMBIENT TEMPERATURE TA (°C)
NOTE: Pulse width
≤ 78.1 µs, Duty ratio 3/16
0
-25
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com