Electronic Components Datasheet Search
  English  ▼

X  

GP2W0104YP Datasheet(PDF) 1 Page - Sharp Corporation

Part # GP2W0104YP
Description  115 kbps Transceiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2W0104YP Datasheet(HTML) 1 Page - Sharp Corporation

  GP2W0104YP Datasheet HTML 1Page - Sharp Corporation GP2W0104YP Datasheet HTML 2Page - Sharp Corporation GP2W0104YP Datasheet HTML 3Page - Sharp Corporation GP2W0104YP Datasheet HTML 4Page - Sharp Corporation GP2W0104YP Datasheet HTML 5Page - Sharp Corporation GP2W0104YP Datasheet HTML 6Page - Sharp Corporation GP2W0104YP Datasheet HTML 7Page - Sharp Corporation GP2W0104YP Datasheet HTML 8Page - Sharp Corporation GP2W0104YP Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
IrDA Data Sheet
1
GP2W0104YP
IrDA Data Sheet
115 kbps Transceiver
FEATURES
• Built-in Photodiode
• Operating voltage 2.4 V to 5.5 V
• Conforms to eye safety IEC60825-1, without exter-
nal resistor
• This product shall not contain the following materi-
als, and these materials shall not be used in the pro-
duction process for this product.
–CFCs
– Halon
– Carbon Tetrachloride
– 1.1.1. Trichloroethane (Methylchloroform)
– Specific brominated flame retardants such as the
PBBOS and PBBS are not used in this device.
INTRODUCTION
This specification applies to the outline and charac-
teristics of IrDA 1.2 type (data rate 2.4 kbps to 115.2
kbps, low power option compliant).
NOTES
• Caution should be taken to prevent the detector sur-
face from being smeared with dust or dirt, or from
being touched, as it may cause faulty operation.
• Cleaning conditions:
– Solvent cleaning: Solvent temperature 45°C or
less. Immersion for 3 minutes or less.
– Ultrasonic cleaning: The effect of ultrasonic
cleaning on the device differs by cleaning bath
size, ultrasonic power output, cleaning time, PCB
size or device mounting condition, etc. Test the
device under actual conditions and confirm that
ultrasonic cleaning does not cause any immedi-
ate or potential defects.
– Cleaning solvent: The cleaning shall be carried out
with ethyl alcohol, methyl alcohol, isopropyl alcohol.
• In order to prevent electrostatic damage to the inte-
grated circuit, handle this device in a static-free envi-
ronment and workstation.
• External force applied to the device after mounting can
cause mounting defects such as the terminal coming
off. Be careful when handling the device and prevent
objects from touching the device after mounting.
• Refer to the ‘Precautions for Soldering’ section.
• When the system (program) is designed, the turn
around time from transmit to receive should be
designed by considering 0.5 ms or more that is spec-
ified by IrDA. This turn around time means the time
that this device does not temporarily detect the
inconsistent signal, since the transmitted light from
the transmitter side reaches the detector side of the
same transceiver.
• When designing the system (program), consider that
0.3 ms or more (at TA = 25°C, no input signal) is nec-
essary to return from shut-down mode to ready-
operation mode. In addition, thoroughly confirm the
operation in the actual application.
• When there is considerable external stray light or a
light source is located near the transceiver, or the
detector face receives considerable external stray
light, a pulse other than signal output may be gener-
ated as noise on output terminal of the transceiver.
Consider the layout and structure in your design to
minimize disturbing light on the detector face.
• When the sensor is adopted in an IR communication
system, it should be used according to the signal
method which is specified by ‘Serial Infrared Physical
Layer Link Specification’ published by the Infrared
Data Association. Faulty operation may occur, if a sig-
nal method other than that specified is used.
• RXD pinout remains at high-level output in shutdown
mode. The RXD pinout is CMOS output, and other
CMOS outputs must not be directly connected to this
pinout, as it does not conform to tri-state output.
• In circuit designs, make allowance for the degradation
of the light emitting diode output that results from long-
term continuous operation (50% degradation/5 years).
Figure 1. Recommended External Circuit
1
NC
2
NC
3
VDD
4
GND
GP2W0104YP-1
CX
VDD GND SD RXD TXD
5
SD
6
RXD
7
TXD
8
LEDA
+
COMPONENTS
NOTES:
1. Choose the most suitable CX according to the
noise level and noise frequency of power supply.
2. Pin 1 and Pin 2 are not connected internally.
RECOMMENDED VALUES
CX
10
µF/6.3 V (NOTE 1)


Similar Part No. - GP2W0104YP

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2W0106YP SHARP-GP2W0106YP Datasheet
107Kb / 16P
115 kbps Transceiver
More results

Similar Description - GP2W0104YP

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2W0001YP SHARP-GP2W0001YP Datasheet
102Kb / 15P
IrDA Data Sheet 115 kbps Transceiver
GP2W0106YP SHARP-GP2W0106YP Datasheet
107Kb / 16P
115 kbps Transceiver
logo
List of Unclassifed Man...
MS3201 ETC1-MS3201 Datasheet
557Kb / 6P
115.2 kbps infrared transceiver module
logo
Texas Instruments
MAX3318E TI-MAX3318E Datasheet
166Kb / 18P
2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
logo
Agilent(Hewlett-Packard...
HSDL-3000 HP-HSDL-3000 Datasheet
367Kb / 16P
IrDA Data Compliant 115.2 kbps Infrared Transceiver
logo
Texas Instruments
TRS3318 TI-TRS3318 Datasheet
342Kb / 17P
2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
logo
Vishay Siliconix
IRMS6118 VISHAY-IRMS6118 Datasheet
476Kb / 8P
115 Kb/s Infrared Data Transceiver
17-August-01
logo
Agilent(Hewlett-Packard...
HSDL3000 HP-HSDL3000 Datasheet
259Kb / 17P
Data Compliant 115.2 kbps Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3000-007 LITEON-HSDL-3000-007 Datasheet
232Kb / 14P
IrDA짰 Data Compliant 115.2 kbps Infrared Transceiver
logo
Analog Devices
ADM2484E AD-ADM2484E_V01 Datasheet
377Kb / 16P
500 kbps, ESD Protected, Half-/Full-Duplex, iCoupler, Isolated RS-485 Transceiver
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com