Electronic Components Datasheet Search
  English  ▼

X  

GP2W0104YP Datasheet(PDF) 6 Page - Sharp Corporation

Part # GP2W0104YP
Description  115 kbps Transceiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2W0104YP Datasheet(HTML) 6 Page - Sharp Corporation

Back Button GP2W0104YP Datasheet HTML 2Page - Sharp Corporation GP2W0104YP Datasheet HTML 3Page - Sharp Corporation GP2W0104YP Datasheet HTML 4Page - Sharp Corporation GP2W0104YP Datasheet HTML 5Page - Sharp Corporation GP2W0104YP Datasheet HTML 6Page - Sharp Corporation GP2W0104YP Datasheet HTML 7Page - Sharp Corporation GP2W0104YP Datasheet HTML 8Page - Sharp Corporation GP2W0104YP Datasheet HTML 9Page - Sharp Corporation GP2W0104YP Datasheet HTML 10Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
GP2W0104YP
115 kbps Transceiver
6
IrDA Data Sheet
Figure 7. Input Signal Waveform (Detector Side)
NOTE: At BR = 2.4 Kbps: T1 = 416.7 µs, T2 = 78.1 µs
At BR = 115.2 Kbps: T1 = 8.68 µs, T2 = 1.63 µs
T1
T2
RADIATION
INTENSITY OF
TRANSMITTER
3.6 mW/sr
T1
GP2W0104YP-7
Figure 8. Output Waveform (Detector Side)
tW
VOL
tR
tF
VOH
90%
50%
10%
GP2W0104YP-8
Figure 9. Standard Optical System (Detector Side)
L
GP2W0104YP-9
φ
φ
TRANSMITTER
(NOTE)
OSCILLOSCOPE
GP2W0104YP
NOTE:
1. Transmitter uses GP2W0104YP (
λp = 870 nm TYP.)
which is adjusted the radiation intensity at 3.6 mW/sr.
2.
φ Indicates horizontal and vertical directions.
3. Ee: Detector face illuminance < 10 x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com