Electronic Components Datasheet Search
  English  ▼

X  

LR38581 Datasheet(PDF) 2 Page - Sharp Corporation

Part # LR38581
Description  Timing Generator IC for 270 k/320 k-pixel Color CCDs with Dual-power-supply Operation
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LR38581 Datasheet(HTML) 2 Page - Sharp Corporation

  LR38581 Datasheet HTML 1Page - Sharp Corporation LR38581 Datasheet HTML 2Page - Sharp Corporation LR38581 Datasheet HTML 3Page - Sharp Corporation LR38581 Datasheet HTML 4Page - Sharp Corporation LR38581 Datasheet HTML 5Page - Sharp Corporation LR38581 Datasheet HTML 6Page - Sharp Corporation LR38581 Datasheet HTML 7Page - Sharp Corporation LR38581 Datasheet HTML 8Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LR38581
2
BLOCK DIAGRAM
DECODER
& LATCH
36
35
34
33
32
31
30
29
28
27
26
25
OFD
VDD12
VTG
GND
NC
V4
V2
V3
V1
VDD5
TST2
TST1
TST3
TST4
PLCH
TVMD
FR
FH1B
GND
VDD5
FH1
FH2
FH2B
GND
MIX
1/3
H COUNTER
LEVEL
SHIFTER
(12.5 V)
1/4
1/2
PRESET
RESET
OSC
13
14
15
16
17
18
19
20
21
22
23
24
123456789
10
11
12
48
47
46
45
44
43
42
41
40
39
38
37
V COUNTER
SHUTTER CONTROL
LEVEL
SHIFTER
LEVEL
SHIFTER



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com