Electronic Components Datasheet Search
  English  ▼

X  

LR38581 Datasheet(PDF) 4 Page - Sharp Corporation

Part # LR38581
Description  Timing Generator IC for 270 k/320 k-pixel Color CCDs with Dual-power-supply Operation
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LR38581 Datasheet(HTML) 4 Page - Sharp Corporation

  LR38581 Datasheet HTML 1Page - Sharp Corporation LR38581 Datasheet HTML 2Page - Sharp Corporation LR38581 Datasheet HTML 3Page - Sharp Corporation LR38581 Datasheet HTML 4Page - Sharp Corporation LR38581 Datasheet HTML 5Page - Sharp Corporation LR38581 Datasheet HTML 6Page - Sharp Corporation LR38581 Datasheet HTML 7Page - Sharp Corporation LR38581 Datasheet HTML 8Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LR38581
4
PIN NO. SYMBOL
I/O
POLARITY
PIN NAME
DESCRIPTION
A pulse to drive vertical CCD shift register.
Connect to ØV4 pin of CCD.
Vertical transfer
pulse output 4
O4MA52
V4
19
20
NC
–
No connection
No connection
–
–
A grounding pin.
Ground
–
GND
21
–
Supply of +12.5 V power.
Power supply
–
VDD12
23
22
VTG
O12MHV
Readout pulse
output
A pulse that transfers the charge of the photo-diode to
the vertical shift register.
Connect to VTG pin of CCD.
24
OFD
O12MHV
OFD pulse output
A pulse that sweeps the charge of the photo-diode
for electronic shutter. Connect to OFD pin of CCD.
Held at L level at normal mode.
An input pin for reference clock oscillation.
Connect to CKO (pin 26) with R.
The frequencies are as follows :
fH = Horizontal frequency
Clock input
OSCI3
CKI
25
–
TVMD
L
H
28.37500 MHz (1816 fH)
28.63636 MHz (1820 fH)
Frequency
–
26
CKO
OSCO3
Clock output
An output pin for reference clock oscillation.
The output is the inverse of CKI (pin 25).
A grounding pin.
Ground
–
GND
27
–
28
SGCK
O4MA32
SSG clock output
An output pin to generate HP and VD pulses.
The frequencies are as follows :
An output pin for DSP IC.
The frequencies are as follows :
DSP clock output
O4MA32
CDCK
29
TVMD
L
H
9.4375 MHz (1816/3 fH)
9.5035 MHz (1820/3 fH)
Frequency
–
30
VDD3
–
Power supply
Supply of +3.3 V power.
A grounding pin.
Ground
–
GND
31
–
32
ADCK
O4MA32
AD clock output
An output pin for AD converter.
The frequencies are as follows :
The output phase of ADCK is selected by SAD1 (pin 35)
and SAD2 (pin 36).
TVMD
L
H
9.4375 MHz (1816/3 fH)
9.5035 MHz (1820/3 fH)
Frequency
TVMD
L
H
14.18750 MHz (908 fH)
14.31818 MHz (910 fH)
Frequency



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com