Electronic Components Datasheet Search
  English  ▼

X  

LR38581 Datasheet(PDF) 6 Page - Sharp Corporation

Part # LR38581
Description  Timing Generator IC for 270 k/320 k-pixel Color CCDs with Dual-power-supply Operation
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LR38581 Datasheet(HTML) 6 Page - Sharp Corporation

  LR38581 Datasheet HTML 1Page - Sharp Corporation LR38581 Datasheet HTML 2Page - Sharp Corporation LR38581 Datasheet HTML 3Page - Sharp Corporation LR38581 Datasheet HTML 4Page - Sharp Corporation LR38581 Datasheet HTML 5Page - Sharp Corporation LR38581 Datasheet HTML 6Page - Sharp Corporation LR38581 Datasheet HTML 7Page - Sharp Corporation LR38581 Datasheet HTML 8Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
LR38581
6
Serial Data Control
SERIAL DATA INPUT TIMING
The serial data ED1 is shifted by ED0 and is
latched at the rising edge of ED2.
The shutter mode data SMD1 and SMD2 of serial
data are latched at the rising edge of the horizontal
line in which VTG is active, the shutter speed data
SD0 to SD8 are latched at the rising edge of the
next horizontal line in which VTG is active.
ED1
ED2
D00 D01 D02 D03 D04 D05 D06 D07 D08 D09 D10 D11 D12 D13 D14 D15 D16 D17 D18
ED0
DATA
D00
SERIAL DATA INPUTS
D17
D16
D15
D14
D13
D12
D11
D10
D09
D08
D07
D06
D05
D04
D03
D02
D01
SD1
SD2
SD3
SD4
SD5
SD6
SD7
SD8
SMD1
SMD2
MR1
MR2
MC1
MC2
MS1
MS2
MF1
SD0
NAME
MF2
D18
FUNCTIONS
DATA
NAME
FUNCTIONS
Electronic shutter speed control
Electronic shutter mode control
Phase control
PARAMETER
SYMBOL
RATING
UNIT
Supply voltage
VDD3, VDD5
–0.3 to +6.0
V
VDD12
–0.3 to +15.0
V
Input voltage
VI3
–0.3 to VDD3 + 0.3
V
Output voltage
VO3
–0.3 to VDD3 + 0.3
V
Operating temperature
TOPR
–20 to +70
˚C
Storage temperature
TSTG
–55 to +150
˚C
ABSOLUTE MAXIMUM RATINGS
V
–0.3 to VDD5 + 0.3
VI5
V
–0.3 to VDD5 + 0.3
VO5
VO12
–0.3 to VDD12 + 0.3
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com