Electronic Components Datasheet Search
  English  ▼

X  

LR38581 Datasheet(PDF) 3 Page - Sharp Corporation

Part # LR38581
Description  Timing Generator IC for 270 k/320 k-pixel Color CCDs with Dual-power-supply Operation
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LR38581 Datasheet(HTML) 3 Page - Sharp Corporation

  LR38581 Datasheet HTML 1Page - Sharp Corporation LR38581 Datasheet HTML 2Page - Sharp Corporation LR38581 Datasheet HTML 3Page - Sharp Corporation LR38581 Datasheet HTML 4Page - Sharp Corporation LR38581 Datasheet HTML 5Page - Sharp Corporation LR38581 Datasheet HTML 6Page - Sharp Corporation LR38581 Datasheet HTML 7Page - Sharp Corporation LR38581 Datasheet HTML 8Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LR38581
3
PIN DESCRIPTION
PIN NO. SYMBOL
I/O
POLARITY
PIN NAME
DESCRIPTION
1
OBCP
O4MA3
Optical black clamp
pulse output
A pulse to clamp the optical black signal. This pulse stays
low during the absence of effective pixels within the vertical
blanking. The polarity can be changed by PLCH (pin 39).
2
CLP
O4MA3
AD input signal
clamp pulse output
A pulse to clamp the AD input signal. The polarity can
be changed by PLCH (pin 39).
3
PBLK
O4MA3
Pre-blanking pulse
output
A pulse that corresponds to the cease period of the
horizontal transfer pulse.
4
FS
O4MA32
CDS pulse output 1
A pulse to sample-hold the signal from CCD.
The polarity can be changed by PLCH (pin 39).
The output phase of FS is selected by serial data.
5
FCDS
O4MA32
CDS pulse output 2
A pulse to clamp the feed-through level from CCD.
The polarity can be changed by PLCH (pin 39).
The output phase of FCDS is selected by serial data.
6
RS
O4MA32
S/H pulse output
A pulse to sample-hold the signal from CDS circuit.
The polarity can be changed by PLCH (pin 39).
The output phase of RS is selected by serial data.
A grounding pin.
Ground
–
GND
7–
–
9ED0
ICSU3
Shift register clock
input
An input pin for the clock of the shift register, to control
the functions of LR38581. For details, see "Serial Data
Control."
–
8VDD3
–
Power supply
Supply of +3.3 V power.
An input pin for the data of the shift register, to control
the functions of LR38581. For details, see "Serial Data
Control."
Shift register data
input
ICSU3
ED1
10
–
–
11
ED2
ICSU3
Strobe pulse input
An input pin for the strobe pulse, to control the functions
of LR38581. For details, see "Serial Data Control."
An input pin to select mirror or normal image mode
L level
: Normal image mode
H level or open
: Mirror image mode
Mirror mode
selection
ICU3
MIR
12
–
MIR
FH1B
FH2B
L (Normal mode)
∏ FH1
∏ FH2
∏ FH1
∏ FH2
H or open (Mirror mode)
–
13
TST1
ICD5
Test pin 1
A test pin. Set open or to L level in the normal mode.
A test pin. Set open or to L level in the normal mode.
Test pin 2
ICD5
TST2
14
–
–
15
VDD5
–
Power supply
Supply of +5 V power.
16
V1
O4MA52
Vertical transfer
pulse output 1
A pulse to drive vertical CCD shift register.
Connect to ØV1 pin of CCD.
A pulse to drive vertical CCD shift register.
Connect to ØV3 pin of CCD.
Vertical transfer
pulse output 3
O4MA52
V3
18
A pulse to drive vertical CCD shift register.
Connect to ØV2 pin of CCD.
Vertical transfer
pulse output 2
O4MA52
V2
17



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com