Electronic Components Datasheet Search
  English  ▼

X  

LR38581 Datasheet(PDF) 5 Page - Sharp Corporation

Part # LR38581
Description  Timing Generator IC for 270 k/320 k-pixel Color CCDs with Dual-power-supply Operation
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LR38581 Datasheet(HTML) 5 Page - Sharp Corporation

  LR38581 Datasheet HTML 1Page - Sharp Corporation LR38581 Datasheet HTML 2Page - Sharp Corporation LR38581 Datasheet HTML 3Page - Sharp Corporation LR38581 Datasheet HTML 4Page - Sharp Corporation LR38581 Datasheet HTML 5Page - Sharp Corporation LR38581 Datasheet HTML 6Page - Sharp Corporation LR38581 Datasheet HTML 7Page - Sharp Corporation LR38581 Datasheet HTML 8Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
LR38581
5
PIN NO. SYMBOL
I/O
POLARITY
PIN NAME
DESCRIPTION
35
SAD1
ICU3
ADCK phase control
input 1
An input pin to select the phase of ADCK.
34
HP
IC3
Horizontal reference
pulse input
An input pin for reference of horizontal pulse.
Connect to HD pin of DSP IC.
37
TST3
ICD5
Test pin 3
A test pin. Set open or to L level in the normal mode.
–
SAD1
SAD2
Phase
60˚ delay
L
H or open
0˚
L
L
H or open
H or open
240˚ delay
L
H or open
180˚ delay
–
ADCK phase control
input 2
ICU3
SAD2
36
–
–
An input pin to select TV standards.
L level
: NTSC mode
H level or open
: PAL mode
TV mode selection
input
ICU5
TVMD
40
–
A grounding pin.
Ground
–
GND
43
–
An input pin to select the polarity of OBCP (pin 1),
CLP (pin 2), FS (pin 4), FCDS (pin 5) and RS (pin 6).
Polarity selection
input
ICU5
PLCH
39
–
A test pin. Set open or to L level in the normal mode.
Test pin 4
ICD5
TST4
38
41
FR
O4MA53
Reset pulse output
A pulse to reset the charge of output circuit.
Connect to ØR pin of CCD through the DC offset circuit.
The output phase of FR is selected by serial data.
42
FH1B
O4MA52
Horizontal transfer
pulse output 1B
A pulse to drive horizontal CCD shift register.
Connect to ØH1B pin of CCD.
45
FH1
O4MA53
Horizontal transfer
pulse output 1
A pulse to drive horizontal CCD shift register.
Connect to ØH1 pin of CCD.
44
VDD5
–
Power supply
Supply of +5 V power.
–
A pulse to drive horizontal CCD shift register.
Connect to ØH2B pin of CCD.
Horizontal transfer
pulse output 2B
O4MA52
FH2B
47
A pulse to drive horizontal CCD shift register.
Connect to ØH2 pin of CCD.
Horizontal transfer
pulse output 2
O4MA53
FH2
46
48
GND
Ground
A grounding pin.
––
IC3
: Input pin (CMOS level)
ICU3
: Input pin (CMOS level with pull-up resistor)
ICSU3
: Input pin (CMOS schmitt-trigger level with pull-up
resistor)
ICU5
: Input pin (CMOS level with pull-up resistor)
ICD5
: Input pin (CMOS level with pull-up resistor)
O4MA3
: Output pin (VDD = 3.3 V)
O4MA32 : Output pin (VDD = 3.3 V)
O4MA52 : Output pin (VDD = 5 V)
O4MA53 : Output pin (VDD = 5 V)
O12MHV : Output pin (VDD = 12.5 V)
OSCI3
: Input pin for oscillation
OSCO3
: Output pin for oscillation
An input pin for reference of vertical pulse.
Connect to VD pin of DSP IC.
Vertical reference
pulse input
IC3
VD
33



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com