Electronic Components Datasheet Search
  English  ▼

X  

PC915 Datasheet(PDF) 1 Page - Sharp Corporation

Part # PC915
Description  Wide Band Linear Output Type OPIC Photocoupler
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC915 Datasheet(HTML) 1 Page - Sharp Corporation

  PC915 Datasheet HTML 1Page - Sharp Corporation PC915 Datasheet HTML 2Page - Sharp Corporation PC915 Datasheet HTML 3Page - Sharp Corporation PC915 Datasheet HTML 4Page - Sharp Corporation PC915 Datasheet HTML 5Page - Sharp Corporation PC915 Datasheet HTML 6Page - Sharp Corporation PC915 Datasheet HTML 7Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PC915
PC915
*2 For 10 seconds
s Features
1. Wide band linear output type
s Applications
1. Video signal insulation in TV
2. Insulation amplifier in measuring instru-
s Absolute Maximum Ratings
( Frequency band width : TYP. 10Hz
( Viso
ment and FA equipment
s Outline Dimensions
( Ta = 25˚C)
Anode mark
Internal
connection diagram
θθ
PC915
AMP
AGC
Parameter
Symbol
Rating
Unit
Input
Forward current
IF
25
mA
Reverse voltage
V R
6V
Power dissipation
P
45
mW
Output
Supply voltage
V CC
- 0.5 to + 13
V
Output power dissipation
P O
250
mW
Output current
IO
- 1.0 to + 0.5
mA
*1Isolation voltage
V iso
V rms
Operating temperature
T opr
- 25 to + 85
˚C
Storage temperature
T stg
- 55 to + 125
˚C
*2Soldering temperature
T sol
260
˚C
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device.”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
12
3
4
5
6
7
8
87
6
5
4
3
2
1
1 NC
2 Anode
3 Cathode
4 NC
7 GND
8 C
Wide Band Linear Output
Type OPIC Photocoupler
to 8MHz )
2. Fluctuation free stable output
( Output fluctuation : TYP. ± 5% at
3. High isolation voltage
4. Standard dual-in-line package
within operating temperature 50 000hr )
5. Recognized by UL, file No, E64380
AGC : Automatic
Gain Control
*1 40 to 60% RH, AC for 1 minute
5 000
An OPIC consists of a light-detecting element and signal-
processing circuit integrated onto a single chip.
* “ OPIC ” ( Optical IC) is a trademark of the SHARP Corporation.
: 5 000V rms )
θ = 0 to 13 ˚
5 V O
6 VCC
1.2 ± 0.3
0.85 ± 0.2
0.5 ± 0.1
2.54 ± 0.25
9.66 ± 0.5
7.62 ± 0.3
0.26 ± 0.1


Similar Part No. - PC915

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
PC91.07.0100A.DB TAOGLAS-PC91.07.0100A.DB Datasheet
806Kb / 10P
compatible with hirose u.fl
logo
List of Unclassifed Man...
PC91070100A ETC2-PC91070100A Datasheet
484Kb / 8P
915Mhz PCB Antenna 100mm IPEX 1.13mm diameter MHF connector with foam attachment for assembly
logo
Taoglas antenna solutio...
PC91070100A TAOGLAS-PC91070100A Datasheet
905Kb / 11P
Thestripe 915Mhz PCB Antenna
logo
Sharp Corporation
PC910L0NSZ SHARP-PC910L0NSZ Datasheet
220Kb / 13P
High Speed 10Mb/s, High CMR DIP 8 pin .OPIC Photocoupler
PC910L0NSZ0F SHARP-PC910L0NSZ0F Datasheet
242Kb / 14P
High Speed 10Mb/s, High CMR DIP 8 pin OPIC Photocoupler
More results

Similar Description - PC915

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
IS455 SHARP-IS455 Datasheet
56Kb / 4P
Linear Output Type OPIC Light Detector
IS474 SHARP-IS474 Datasheet
66Kb / 5P
Linear Output Type OPIC Light Detector
PC900VQ SHARP-PC900VQ Datasheet
61Kb / 4P
Digital Output Type OPIC Photocoupler
PC901V SHARP-PC901V Datasheet
62Kb / 5P
Digital Output Type OPIC Photocoupler
PC902 SHARP-PC902 Datasheet
91Kb / 6P
AC Input Type OPIC Photocoupler
PC930 SHARP-PC930 Datasheet
82Kb / 6P
Digital Output, High Sensitivity Type OPIC Photocoupler
IS445 SHARP-IS445 Datasheet
66Kb / 2P
LINEAR OUTPUT TYPE OPIC LIGHT DETECTOR
PC935 SHARP-PC935 Datasheet
82Kb / 6P
Digital Output, High Sensitivity Type OPIC Photocoupler
PC942 SHARP-PC942 Datasheet
96Kb / 8P
High Power Output Type OPIC Photocoupler
PC901V0NSZX SHARP-PC901V0NSZX Datasheet
71Kb / 6P
Digital Output Type OPIC Photocoupler
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com