Electronic Components Datasheet Search
  English  ▼

X  

PC915 Datasheet(PDF) 6 Page - Sharp Corporation

Part # PC915
Description  Wide Band Linear Output Type OPIC Photocoupler
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC915 Datasheet(HTML) 6 Page - Sharp Corporation

  PC915 Datasheet HTML 1Page - Sharp Corporation PC915 Datasheet HTML 2Page - Sharp Corporation PC915 Datasheet HTML 3Page - Sharp Corporation PC915 Datasheet HTML 4Page - Sharp Corporation PC915 Datasheet HTML 5Page - Sharp Corporation PC915 Datasheet HTML 6Page - Sharp Corporation PC915 Datasheet HTML 7Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
PC915
-10
0
-5
Freguency f ( Hz)
voltage that is based on the
voltage at f = 100kHz of Vin
R E = 460 Ω, C E =47P F
R E = 230 Ω, C E = 100P F
R E = 150 Ω, C E = 150P F
vs. Freguency ( 1 )
-10
0
-5
Freguency f ( Hz)
1
µ F
0.1
µ F
is based on the voltage at f = 100kHz of Vin
vs. Freguency ( 2 )
CC =10 µ F
T a= 25˚C
-4
0
100
200
300
400
500
-2
0
2
4
6
APL10%
APL50%
APL90%
R E ( Ω )
T a= 25˚C
-8
0
100
200
300
400
500
-6
-4
-2
0
2
APL10%
APL50%
APL90%
R E ( Ω )
T a= 25˚C
CRT
Cathode
AGC
AMP
9V
9V
75
100
µ F
2SA1029
470
PC915
Anode
10
µ F
+
+
+
C
2SA
1029
1.2
k
CE
RE
Vin
2
3
7
8
5
6
VO
VCC
Vin Iuput Waveform
1VP - P, f = 15MHz
Sine wave
CRT
Cathode
AGC
AMP
9V
9V
100
µ F
2SA1029
470
PC915
Anode
+
+
+
2SA
1029
1.2
k
RE
230
50
Vin
2
3
7
8
5
6
VCC
VO
CC
Sine wave
Vin Input Waveform
1VP - P
Test Circuit of Relative AC Output Voltage 2
vs. Freguency (2)
104
105
106
107
T a = 25˚C
100
101
102
103
104
Fig. 8-b Relative AC Output Voltage 2
Relative value of AC output
Fig. 8-c Relative AC Output Voltage 2
Relative value of AC output voltage that
Fig. 9 Differential Gain vs. R E
Fig.10 Differential Phase vs. R E
, f = 15MHz
Test Circuit of Relative AC Output Voltage 2
vs. Freguency (1)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com