Electronic Components Datasheet Search
  English  ▼

X  

PC915 Datasheet(PDF) 7 Page - Sharp Corporation

Part # PC915
Description  Wide Band Linear Output Type OPIC Photocoupler
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC915 Datasheet(HTML) 7 Page - Sharp Corporation

  PC915 Datasheet HTML 1Page - Sharp Corporation PC915 Datasheet HTML 2Page - Sharp Corporation PC915 Datasheet HTML 3Page - Sharp Corporation PC915 Datasheet HTML 4Page - Sharp Corporation PC915 Datasheet HTML 5Page - Sharp Corporation PC915 Datasheet HTML 6Page - Sharp Corporation PC915 Datasheet HTML 7Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
PC915
0.067ms(1/15ms)
wave 3.58MHz
Superposition
Vin Waveform
APL: Average Picture Level
10
µ F
+
C
+
9V
PC915
Anode
Cathode
1029
2SA
2SA1029
470
9V
2
3
6
5
8
7
AGC
AMP
50
100
µ F
RE
+
Vin
1.2
k
VCC
DG, DP
Tester
Tr1, Tr2 : 2SA1029 or other same rank products
10
µ F
10
µ F
+
C
+
9V
PC915
Anode
Cathode
470
9V
2
3
6
5
8
7
AGC
AMP
100
µ F
RE
+
Vin
VCC
VCC
VCC
R1
230
C1
Tr1
Tr2
1.2k
R2
Ri
75
CC
10
µ F
CO
VO
VOUT
is
IB
VOUT = 2.3
= 2.3
Vin
VCC- VE
IB : DC flowed to infrared LED
is : AC flowed to infrared LED
VE : Emitter voltage of Tr2 (Between emitter and GND )
Test Circuit of Differential Gain vs. R E and Differential Phase vs. R E
s Application Example
( 2) Handle this product the same as with other integrated circuits against static electricity.
s Precautions for Use
and GND near the device in order to stabilize power supply line.
< Example of Circuit Setting >
( 1) Set for Gain
G = 2.3/ ( VCC -VE)
( 2) Set for Input Resistance
Set Ri on output impedance ( usually 75
Ω ) of a mounting equipment.
( 3) Set for R E
( 4) Set for Low Cut-off Frequency
Then set Ci with input impedance of by-pass diode on as much value as possible on
( 3) As for other general cautions, refer to the chapter “ Precautions for Use ”
VO
Gain is represented by the following formula ;
When using on condition that Gain = 1, set VCC -VE on 2.3V. So that R 1 and R 2 is determined.
When there is no signal ( input signal : 0 ) , set I LED flowed into infrared LED on 10 mA.
Low cut-off frequency with C terminal capacitance, C C, is represented by the following
formula ;
f C= 100/C C( Hz )( CC :
µ F value )
condition that f C>1/ ( 2
π CiR )[R= R
1
R2/ ( R1+R2) ]
( 1) It is recommended that a by-pass capacitor of more than 0.01
µ F is added between V
CC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com