Electronic Components Datasheet Search
  English  ▼

X  

PC915 Datasheet(PDF) 3 Page - Sharp Corporation

Part # PC915
Description  Wide Band Linear Output Type OPIC Photocoupler
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC915 Datasheet(HTML) 3 Page - Sharp Corporation

  PC915 Datasheet HTML 1Page - Sharp Corporation PC915 Datasheet HTML 2Page - Sharp Corporation PC915 Datasheet HTML 3Page - Sharp Corporation PC915 Datasheet HTML 4Page - Sharp Corporation PC915 Datasheet HTML 5Page - Sharp Corporation PC915 Datasheet HTML 6Page - Sharp Corporation PC915 Datasheet HTML 7Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
PC915
s Test Circuit
VIN Waveform
Fig. 2
Fig.1
2
3
4
6
5
8
7
V
V
AGC
PC915
NC
Anode
Cathode
NC
GND
C
10
µF
F
µ
10
9V
A
1
+
+
VO
VCC
AMP
9V
10
µ F
F
µ
10
C
GND
NC
Cathode
Anode
NC
PC915
AGC
7
8
5
6
4
3
2
50
1.2k
100
µ F
470
100
µF
9V
CRT
1
RE
r2
r1
+
AMP
VIN
VO
VCC
+
+
Tr1, Tr2 : 2SA1029 or other same rank products
Sine wave
1VP - P
and shall be swept at measuring f CH and f CL.
IF
OAC,
VOAC - 1 and
VOAC - 2
T
T
( Frequency ) 15kHz at measuring V
∆∆



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com