Electronic Components Datasheet Search
  English  ▼

X  

PC915 Datasheet(PDF) 5 Page - Sharp Corporation

Part # PC915
Description  Wide Band Linear Output Type OPIC Photocoupler
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC915 Datasheet(HTML) 5 Page - Sharp Corporation

  PC915 Datasheet HTML 1Page - Sharp Corporation PC915 Datasheet HTML 2Page - Sharp Corporation PC915 Datasheet HTML 3Page - Sharp Corporation PC915 Datasheet HTML 4Page - Sharp Corporation PC915 Datasheet HTML 5Page - Sharp Corporation PC915 Datasheet HTML 6Page - Sharp Corporation PC915 Datasheet HTML 7Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
PC915
50˚C
25˚C
70˚C
1.0
0.01
0.1
1
10
100
1.2
1.4
1.6
1.8
2.0
2.2
T a= 0˚C
Forward voltage V F (V)
Fig. 6 Forward Current vs. Forward Voltage
0
-25
150
0
255075
100
14
12
10
8
6
4
2
0.9
- 25
0
25
50
75
100
1.1
1.0
150
230
460
at T a = 25˚C, R E = 230 Ω
vs. Ambient Temperature
0
-25
150
0
255075
100
85
300
100
50
250
200
Ambient temperature T a (˚C)
10
µ F
10
+
C
+
9V
PC915
Anode
Cathode
1029
2SA
2SA1029
470
9V
2
3
6
5
8
7
AGC
AMP
µ F CRT
50
100
µ F
Test Circuit of Relative AC Output Voltage1
vs. Ambient Temperatue
Vin Input Waveform
RE
+
Vin
1.2
k
VCC
10
µ F
+
C
+
9V
PC915
Anode
Cathode
1029
2SA
2SA1029
470
9V
A
2
3
6
5
8
7
AGC
AMP
RE
VO
Test Circuit of Supply Current
1.2k
VCC
10
µ F
Temperature
Fig. 5 Power Dissipation vs. Ambient
Fig. 7 Supply Current vs. Ambient
Temperature
R E = 460 Ω
150
R E = 460 Ω
230
Ambient temperature T a (˚C)
Ambient temperature T a (˚C)
230
Fig. 8-a Relative AC Output Voltage 1
1VP - P
Sine wave
, f = 15kHz
AC output voltage = 1
VO



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com