Electronic Components Datasheet Search
  English  ▼

X  

S11MD7T Datasheet(PDF) 1 Page - Sharp Corporation

Part # S11MD7T
Description  Low Input Driving Type Phototriac Coupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

S11MD7T Datasheet(HTML) 1 Page - Sharp Corporation

  S11MD7T Datasheet HTML 1Page - Sharp Corporation S11MD7T Datasheet HTML 2Page - Sharp Corporation S11MD7T Datasheet HTML 3Page - Sharp Corporation S11MD7T Datasheet HTML 4Page - Sharp Corporation S11MD7T Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
S11MD7T/S11MD8T/S11MD9T
S21MD7T/S21MD8T/S21MD9T
Low Input Driving Type
Phototriac Coupler
s Features
s Applications
1. For triggering medium/high power triacs
∗3 For 10 seconds
s Outline Dimensions
( Unit : mm)
S11MD7T/S11MD8T/S11MD9T/S21MD7T/S21MD8T/S21MD9T
s Absolute Maximum Ratings
( Ta = 25˚C)
100V line
200V line
No zero-cross
circuit
S11MD7T/
S11MD9T
S21MD7T/
S21MD9T
Built-in zero-
cross circuit
S11MD8T
S21MD8T
Parameter
Symbol
Rating
Unit
Input
Forward current
IF
50
mA
Reverse voltage
VR
6V
Output
RMS ON-state current
IT
0.1
∗1Peak one cycle surge current
Isurge
1.2
A
Repetitive peak OFF-state voltage
VDRM
400
600
V
∗2Isolation voltage
Viso
Operating temperature
Topr
- 30 to +100
˚C
Storage temperture
Tstg
- 55 to +125
˚C
∗3Soldering temperature
Tsol
260
˚C
θ
S11MD8T
123
4
6
1 Anode
2 Cathode
3 NC
4 Anode/
Cathode
6 Anode/
Cathode
Internal connection
diagram
Anode
mark
12
3
4
6
g
Zero-cross
circuit
1. Low input driving current
2. Pin No. 5 completely molded for external
noise resistance
( Viso
rms )
3. Built-in zero-cross circuit
S11MD7T/S11MD8T
S11MD9T
S21MD7T/S21MD8T/
S21MD9T
IFT : MAX. 5mA
S11MD9T /S21MD9T
IFT : MAX.7mA )
(S11MD7T/ S11MD8T/ S21MD7T/ S21MD8T
s Model Line-ups
4. High repetitive peak OFF-state voltage
( S11MD7T / S11MD8T / S11MD9T
VDRM : MIN. 400V
S21MD7T / S21MD8T / S21MD9T
VDRM : MIN. 600V
∗1 50Hz Sine wave
g DIN-VDE0884 approved type is also available.
: 5 000V
5 000
∗2 40 to 60% RH, AC for 1 minute, f = 60Hz
(S11MD8T/S21MD8T)
5. Isolation voltage between input and output
6. Recognized by UL, file No.E64380
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device.”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
Arms
Vrms
g Taping reel type of S21MD8T is also available ( S21MD8P)
∗ Zero-cross circuit for S11MD8T and S21MD8T
θ : 0 to 13 ˚
0.9± 0.2
1.2± 0.3
2.54± 0.25
7.12± 0.5
7.62± 0.3
0.26 ± 0.1
0.5±0.1


Similar Part No. - S11MD7T

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
S11MD4T SHARP-S11MD4T Datasheet
56Kb / 4P
Phototriac Coupler with Built-in Zero-cross Circuit
S11MD4V SHARP-S11MD4V Datasheet
56Kb / 4P
Phototriac Coupler with Built-in Zero-cross Circuit
S11MD5T SHARP-S11MD5T Datasheet
64Kb / 5P
High Noise-resistance Type Phototriac Coupler
S11MD5V SHARP-S11MD5V Datasheet
44Kb / 3P
Mini-flat Type Phototriac Coupler
More results

Similar Description - S11MD7T

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
S2S3 SHARP-S2S3 Datasheet
28Kb / 2P
Mini-Flat Type Phototriac Coupler
PC3F11YVZA SHARP-PC3F11YVZA Datasheet
70Kb / 4P
Reinforced Insulation Type Phototriac Coupler for Triggering
S11MD5T SHARP-S11MD5T Datasheet
64Kb / 5P
High Noise-resistance Type Phototriac Coupler
S11MD5V SHARP-S11MD5V Datasheet
44Kb / 3P
Mini-flat Type Phototriac Coupler
S21MD10T SHARP-S21MD10T Datasheet
48Kb / 4P
High Speed, High Sensitivity Type Phototriac Coupler
S21MD3V SHARP-S21MD3V Datasheet
48Kb / 4P
High Noise Resistance Type Phototriac Coupler
S21MT1 SHARP-S21MT1 Datasheet
26Kb / 2P
Compact 4-pin DIP Type Phototriac Coupler
PC3SD21NTZB SHARP-PC3SD21NTZB Datasheet
59Kb / 5P
Phototriac Coupler for Triggering
PC3SD11YTZDF SHARP-PC3SD11YTZDF Datasheet
27Kb / 1P
Low Input Drive Type Phototriac Coupler
PC3SF21YVZBF SHARP-PC3SF21YVZBF Datasheet
297Kb / 15P
Phototriac Coupler for triggering
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com