Electronic Components Datasheet Search
  English  ▼

X  

S11MD7T Datasheet(PDF) 5 Page - Sharp Corporation

Part # S11MD7T
Description  Low Input Driving Type Phototriac Coupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

S11MD7T Datasheet(HTML) 5 Page - Sharp Corporation

  S11MD7T Datasheet HTML 1Page - Sharp Corporation S11MD7T Datasheet HTML 2Page - Sharp Corporation S11MD7T Datasheet HTML 3Page - Sharp Corporation S11MD7T Datasheet HTML 4Page - Sharp Corporation S11MD7T Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
S11MD7T/S11MD8T/S11MD9T/S21MD7T/S21MD8T/S21MD9T
50
10
20
10
100
50
20
(S11MD8T/S21MD8T )
50
20
20
30
10
200
100
50
(S11MD9T/S21MD7T/S21MD9T )
V D =6V
RL = 100Ω
0
10
0
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
20
30
40
50
60
70
80
90
100
S21MD9T
S11MD9T
S21MD7T
S11MD7T
T ( V )
IF = 20mA
Ta = 25˚C
0
10
0
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
20
30
40
50
60
70
80
90
100
S21MD8T
S11MD8T
T ( V )
Zero-
cross
+ VCC
VIN
Load
1
2
6
4
s Basic Operation Circuit
S11MD7T/S11MD8T/S11MD9T
S21MD7T/S21MD8T/S21MD9T
AC100V
(S11MD7T/S11MD8T/S11MD9T)
AC200V
(S21MD7T/S21MD8T/S21MD9T)
Zero-cross Circuit
( S11MD8T/S21MD8T )
Forward current I F ( mA)
V D =6V
R L = 100Ω
IF = 20mA
Ta = 25˚C
ON-state Voltage
Forward current I F ( mA )
Fig.11-b Turn-on Time vs. Forward Current
Fig.11-c Turn-on Time vs. Forward Current
Fig.12-a ON-state Current vs.
ON-state voltage V
(S11MD7T/S21MD7T/S11MD9T/S21MD9T)
Fig.12-b ON-state Current vs.
(S11MD8T/S21MD8T )
ON-state voltage V
circuit
ON-state Voltage
q
Please refer to the chapter “ Precautions for Use.”
5
5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com