Electronic Components Datasheet Search
  English  ▼

X  

S11MD7T Datasheet(PDF) 3 Page - Sharp Corporation

Part # S11MD7T
Description  Low Input Driving Type Phototriac Coupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

S11MD7T Datasheet(HTML) 3 Page - Sharp Corporation

  S11MD7T Datasheet HTML 1Page - Sharp Corporation S11MD7T Datasheet HTML 2Page - Sharp Corporation S11MD7T Datasheet HTML 3Page - Sharp Corporation S11MD7T Datasheet HTML 4Page - Sharp Corporation S11MD7T Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
S11MD7T/S11MD8T/S11MD9T/S21MD7T/S21MD8T/S21MD9T
500
200
10
5
2
1
0
0.5
1.0
1.5
2.5
3.0
2.0
75˚C
- 30˚C
50˚C
100
20
50
0˚C
25˚C
Fig. 3 Forward Current vs. Forward Voltage
10
8
6
4
2
100
80
60
40
20
0
0
-30
12
Fig. 4 Minimum Trigger Current vs.
Ambient Temperature
- 30
0.7
0
20406080
100
0.8
0.9
1.0
1.1
1.2
1.3
Fig. 5 Relative Repetitive Peak OFF-State
Voltage vs. Ambient Temperature
S11MD8T/S21MD8T
S11MD7T/S21MD7T
S11MD9T/S21MD9T
1.3
1.4
-30
0
20
100
1.5
1.6
1.7
1.8
1.9
40
60
80
S21MD8T
S11MD8T
S11MD7T/S21MD7T
S11MD9T/S21MD9T
Fig. 6 ON-state Voltage vs. Ambient
Temperature
Ambient temperature T a (˚C)
- 30
100
0.1
0.2
0.5
1
2
5
10
80
60
40
20
0
S11MD8T/S21MD8T
S11MD7T/S21MD7T
S11MD9T/S21MD9T
Ambient temperature T a (˚C)
2
10
-9
5
2
-10
5
100
200
300
400
500
600
vs. OFF-state Voltage
D ( V )
Fig. 7 Holding Current vs.
Ambient Temperature
Ambient temperature T a (˚C)
Ambient temperature T a (˚C)
(S11MD7T/S11MD9T)
Forward voltage V F (V)
S11MD9T/S21MD9T
S11MD8T/S21MD8T
S11MD7T/S21MD7T
OFF-state voltage V
Fig. 8-a Repetitive Peak OFF-state Current
Ta = 100˚C
RL = 100Ω
VD =6V
IT = 100mA
VD =6V
Ta = 25˚C
10



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com