Electronic Components Datasheet Search
  English  ▼

X  

S11MD7T Datasheet(PDF) 2 Page - Sharp Corporation

Part # S11MD7T
Description  Low Input Driving Type Phototriac Coupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

S11MD7T Datasheet(HTML) 2 Page - Sharp Corporation

  S11MD7T Datasheet HTML 1Page - Sharp Corporation S11MD7T Datasheet HTML 2Page - Sharp Corporation S11MD7T Datasheet HTML 3Page - Sharp Corporation S11MD7T Datasheet HTML 4Page - Sharp Corporation S11MD7T Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
S11MD7T/S11MD8T/S11MD9T/S21MD7T/S21MD8T/S21MD9T
-30
0
20406080
100
0
0.05
0.10
Fig. 1 RMS ON-state Current vs.
Ambient Temperature
Ambient temperature T a (˚C)
-30
0
25
50
75
100
125
0
10
20
30
40
50
60
70
Fig. 2 Forward Current vs.
Ambient Temperature
Ambient temperature T a (˚C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input
Forward voltage
VF
IF = 20mA
-
1.2
1.4
V
Reverse current
IRR =3V
V-
-
10 -5
A
Output
Repetitive peak OFF-state current
I DRM
VDRM = Rated
-
-
10 -6
A
ON-state voltage
S11MD7T/S21MD7T
S11MD9T/S21MD9T
VT
IT = 0.1A
-
1.5
2.5
V
S11MD8T/S21MD8T
-
1.7
2.5
Holding current
IH
VD = 6V
0.1
0.5
3.5
mA
Critical rate of rise of OFF-state voltage
2
V DRM = 1/
• Rated
100
-
-
V/
µs
Zere-cross voltage
S11MD8T/S21MD8T
VOX
F
= 10mA
Resistance load, I
-
-
35
V
Transfer
charac-
teristics
Minimum trigger
current
S11MD7T/S21MD7T
S11MD8T/S21MD8T
IFT
V D = 6V, RL = 100
Ω
--
5
mA
--
7
S11MD9T/S21MD9T
Isolation resistance
RISO
DC500V, 40 to 60% RH
5x 1010
1011
-
Ω
Turn-on time
S11MD7T
ton
V D = 6V, R L = 100
Ω
IF = 20mA
-
70
100
µs
-
60
100
S11MD9T/S21MD7T/
S21MD9T
-20
50
S11MD8T/S21MD8T
s Electro-optical Characteristics
( Ta = 25˚C)
dV/dt



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com