Electronic Components Datasheet Search
  English  ▼

X  

S11MD7T Datasheet(PDF) 4 Page - Sharp Corporation

Part # S11MD7T
Description  Low Input Driving Type Phototriac Coupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

S11MD7T Datasheet(HTML) 4 Page - Sharp Corporation

  S11MD7T Datasheet HTML 1Page - Sharp Corporation S11MD7T Datasheet HTML 2Page - Sharp Corporation S11MD7T Datasheet HTML 3Page - Sharp Corporation S11MD7T Datasheet HTML 4Page - Sharp Corporation S11MD7T Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
S11MD7T/S11MD8T/S11MD9T/S21MD7T/S21MD8T/S21MD9T
S11MD8T
S21MD8T
5
2
5
100
200
300
400
500
600
vs. OFF-state Voltage
(S11MD8T/S21MD8T)
2
100
200
300
400
500
600
5
2
5
vs. OFF-state Voltage
10-9
10 -10
10 -11
- 30
0
100
10-7
20
40
60
80
10 -12
10-8
10-9
10 -10
10 -11
vs. Ambient Temperature
Ambient temperature T a (˚C)
VD = 400V (S11MD7T/S11MD9T )
VD = 600V (S21MD7T/S21MD9T )
(S11MD7T/S11MD9T/S21MD7T/S21MD9T)
-30
0
100
10-4
20
40
60
80
10-9
10-5
10-6
10-7
10-8
vs. Ambient Temperature
(S11MD8T/S21MD8T)
Ambient temperature T a (˚C)
VD = 400V (S11MD8T )
VD = 600V (S21MD8T )
-30
0
20406080
100
15
20
25
Ambient temperature T a (˚C)
Fig.10 Zero-cross Voltage vs.
(S11MD8T/S21MD8T )
50
20
20
30
10
200
100
50
Off-state voltage V D (V)
Ta =25˚C
R load
IF
VD =6V
RL = 100Ω
Forward current I F ( mA )
Fig. 8-b Repetitive Peak OFF-state Current
10-8
10-7
OFF-stage voltage V D (V)
(S21MD7T/S21MD9T)
Fig. 9-a Repetitive Peak OFF-state Current
Fig. 9-b Repetitive Peak OFF-state Current
Fig. 8-c Repetitive Peak OFF-state Current
(S11MD7T )
Ambient Temperature
= 10mA
2
Ta = 25˚C
Fig.11-a Turn-on Time vs. Forward Current
5
S11MD8T
S21MD8T



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com