Electronic Components Datasheet Search
  English  ▼

X  

AV9170 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # AV9170
Description  Clock Synchronizer and Multiplier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

AV9170 Datasheet(HTML) 2 Page - Integrated Device Technology

  AV9170 Datasheet HTML 1Page - Integrated Device Technology AV9170 Datasheet HTML 2Page - Integrated Device Technology AV9170 Datasheet HTML 3Page - Integrated Device Technology AV9170 Datasheet HTML 4Page - Integrated Device Technology AV9170 Datasheet HTML 5Page - Integrated Device Technology AV9170 Datasheet HTML 6Page - Integrated Device Technology AV9170 Datasheet HTML 7Page - Integrated Device Technology AV9170 Datasheet HTML 8Page - Integrated Device Technology AV9170 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
AV9170
0237I—12/02/08
AV9170-05 is only available through America II distributor
Pin Descriptions
Pin Configuration
8-Pin DIP or SOIC
N
I
P
R
E
B
M
U
N
E
M
A
N
N
I
PE
P
Y
TN
O
I
T
P
I
R
C
S
E
D
1N
I
B
Ft
u
p
n
IT
U
P
N
I
K
C
A
B
D
E
E
F
2N
It
u
p
n
Ik
c
o
l
c
e
c
n
e
r
e
f
e
r
r
o
f
T
U
P
N
I
3D
N
G—
D
N
U
O
R
G
40
S
Ft
u
p
n
I0
T
C
E
L
E
S
Y
C
N
E
U
Q
E
R
F
51
S
Ft
u
p
n
I1
T
C
E
L
E
S
Y
C
N
E
U
Q
E
R
F
61
K
L
Ct
u
p
t
u
O)
s
e
u
l
a
v
r
o
f
5
,
4
,
3
,
2
,
1
s
e
l
b
a
T
e
e
S
(
1
t
u
p
t
u
o
K
C
O
L
C
7
D
D
V
—y
l
p
p
u
S
r
e
w
o
P
8K
L
C
t
u
p
t
u
O
)
s
e
u
l
a
v
r
o
f
5
,
4
,
3
,
2
,
1
s
e
l
b
a
T
e
e
S
(
2
t
u
p
t
u
o
K
C
O
L
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com