Electronic Components Datasheet Search
  English  ▼

X  

AV9170 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # AV9170
Description  Clock Synchronizer and Multiplier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

AV9170 Datasheet(HTML) 1 Page - Integrated Device Technology

  AV9170 Datasheet HTML 1Page - Integrated Device Technology AV9170 Datasheet HTML 2Page - Integrated Device Technology AV9170 Datasheet HTML 3Page - Integrated Device Technology AV9170 Datasheet HTML 4Page - Integrated Device Technology AV9170 Datasheet HTML 5Page - Integrated Device Technology AV9170 Datasheet HTML 6Page - Integrated Device Technology AV9170 Datasheet HTML 7Page - Integrated Device Technology AV9170 Datasheet HTML 8Page - Integrated Device Technology AV9170 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Integrated
Circuit
Systems, Inc.
General Description
Features
AV9170
0237I—12/02/08
AV9170-05 is only available through America II distributor
Block Diagram
Clock Synchronizer and Multiplier
•
On-chip Phase-Locked Loop for clocks
synchronization
•
Synchronizes frequencies up to 107MHz
(output) @ 5.0V
•
±1ns skew (max) between input & output clocks @
5.0V
•
Can recover poor duty cycle clocks
•
CLK1 to CLK2 skew controlled to within ±1ns @
5.0V
•
3.0 - 5.5V supply range
•
Low power CMOS technology
•
Small 8-pin DIP or SOIC package
•
On chip loop filter
•
AV9170-01, -04 for output clocks 20-107 MHz @
5.0V, 20 - 66.7 MHz @ 3.3V
•
AV9170-02, -05 for output clocks 5-26.75 MHz @
5.0V, 5 - 16.7 MHz @ 3.3V
The AV9170 generates an output clock which is
synchronized to a given continuous input clock with zero
delay (±1ns at 5V VDD). Using ICS’s proprietary phase-
locked loop (PLL) ana-log CMOS technology, the AV9170
is useful for regenerating clocks in high speed systems
where skew is a major concern. By the use of the two
select pins, multiples or divisions of the input clock can
be generated with zero delay (see Tables 2 and 3). The
standard versions produce two outputs, where CLK2 is
always a divide by two version of CLK1.
The AV9170 is also useful to recover poor duty cycle
clocks. A 50 MHz signal with a 20/80% duty cycle, for
example, can be regenerated to the 48/52% typical of the
part.
The AV9170 allows the user to control the PLL feedback,
making it possible, with an additional 74F240 octal buffer
(or other such device that offers controlled skew outputs),
to synchronize up to 8 output clocks with zero delay
compared to the input (see Figure 1). Application notes for
the AV9170 are available. Please consult ICS.


Similar Part No. - AV9170

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
AV9170 ICST-AV9170 Datasheet
253Kb / 11P
Clock Synchronizer and Multiplier
Rev E 9/24/99
AV9170-01CN8 ICST-AV9170-01CN8 Datasheet
253Kb / 11P
Clock Synchronizer and Multiplier
Rev E 9/24/99
AV9170-02CS8 ICST-AV9170-02CS8 Datasheet
253Kb / 11P
Clock Synchronizer and Multiplier
Rev E 9/24/99
AV9170-07 ICST-AV9170-07 Datasheet
95Kb / 2P
Clock Multiplier
RevB060297
AV9170-07CN08 ICST-AV9170-07CN08 Datasheet
95Kb / 2P
Clock Multiplier
RevB060297
More results

Similar Description - AV9170

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
AV9170-07 ICST-AV9170-07 Datasheet
95Kb / 2P
Clock Multiplier
RevB060297
AV9170 ICST-AV9170 Datasheet
253Kb / 11P
Clock Synchronizer and Multiplier
Rev E 9/24/99
ICS2059-02 ICST-ICS2059-02 Datasheet
210Kb / 11P
Clock Multiplier and Jitter Attenuator
Revision 031605
logo
Integrated Device Techn...
9170B-01CS08LF IDT-9170B-01CS08LF Datasheet
302Kb / 12P
CLOCK SYNCHRONIZER AND MULTIPLIER
logo
Raltron Electronics Cor...
SY02-PLL RALTRON-SY02-PLL Datasheet
262Kb / 5P
CLOCK/SYNCHRONIZER - SY02-PLL
SY02-PLL2 RALTRON-SY02-PLL2 Datasheet
152Kb / 6P
CLOCK/SYNCHRONIZER - SY02-PLL2
logo
Texas Instruments
CDCS504-Q1 TI1-CDCS504-Q1 Datasheet
1Mb / 18P
Clock Buffer and Clock Multiplier
logo
Renesas Technology Corp
8V19N850D RENESAS-8V19N850D Datasheet
3Mb / 175P
Radio Unit Clock Synchronizer and Converter Clock Generator
February 13, 2023
ICS2059-02 RENESAS-ICS2059-02 Datasheet
454Kb / 13P
CLOCK MULTIPLIER AND JITTER ATTENUAT
IDT9170B RENESAS-IDT9170B Datasheet
484Kb / 13P
CLOCK SYNCHRONIZER AND MULTIPLIER
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com