Electronic Components Datasheet Search
  English  ▼

X  

AV9170 Datasheet(PDF) 11 Page - Integrated Device Technology

Part # AV9170
Description  Clock Synchronizer and Multiplier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

AV9170 Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button AV9170 Datasheet HTML 4Page - Integrated Device Technology AV9170 Datasheet HTML 5Page - Integrated Device Technology AV9170 Datasheet HTML 6Page - Integrated Device Technology AV9170 Datasheet HTML 7Page - Integrated Device Technology AV9170 Datasheet HTML 8Page - Integrated Device Technology AV9170 Datasheet HTML 9Page - Integrated Device Technology AV9170 Datasheet HTML 10Page - Integrated Device Technology AV9170 Datasheet HTML 11Page - Integrated Device Technology AV9170 Datasheet HTML 12Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
AV9170
0237I—12/02/08
AV9170-05 is only available through America II distributor
Ordering Information
9170-xxCN08LF (8 Lead Plastic DIP [300 mils] )
9170-xxCS08LF (8 Lead SOIC [150 mils] )
8-Pin DIP PACKAGE
8-Pin SOIC PACKAGE
For the SOIC package, the AV9170-01 is marked AV70-1 and the AV9170-02 is marked AV70-2.
XXXX - PPP M X#W LF
Lead Free, RoHS Compliant (Optional)
Lead Count & Package Width
Lead Count = 1, 2 or 3 digits
W = 0.3" SOIC or 0.6" DIP; None = Standard Width
Package Type
N = DIP (Plastic)
S = SOIC
Pattern Number (2 or 3 digit number for parts with ROM code
patterns)
Device Type (consists of 3 to 7 digit numbers)
Example:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com