Electronic Components Datasheet Search
  English  ▼

X  

AV9170 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # AV9170
Description  Clock Synchronizer and Multiplier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

AV9170 Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button AV9170 Datasheet HTML 2Page - Integrated Device Technology AV9170 Datasheet HTML 3Page - Integrated Device Technology AV9170 Datasheet HTML 4Page - Integrated Device Technology AV9170 Datasheet HTML 5Page - Integrated Device Technology AV9170 Datasheet HTML 6Page - Integrated Device Technology AV9170 Datasheet HTML 7Page - Integrated Device Technology AV9170 Datasheet HTML 8Page - Integrated Device Technology AV9170 Datasheet HTML 9Page - Integrated Device Technology AV9170 Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
AV9170
0237I—12/02/08
AV9170-05 is only available through America II distributor
Absolute Maximum Ratings
VDD (referenced to GND) . . . . . . . . . . . . 7.0V
Operating Temperature under Bias . . . . . 0°C to +70°C
Storage Temperature . . . . . . . . . . . . . . . . – 65°C to +150°C
Voltage on I/O pins referenced to GND . GND – 0.5V to VDD + 0.5V
Power Dissipation . . . . . . . . . . . . . . . . . . 0.5 watts
Stresses above those listed under
Absolute Maximum Ratings above may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at these or any other conditions above those listed
in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect product reliability.
*Parameter guaranteed by design and characterization. Not 100% tested in production.
Notes:
1. It may be possible to operate the AV9170 outside of these ranges. Consult ICS for your specific application.
2. All AC Specifications are measured with a 50
Ω transmission line, load terminated with 50Ω to 1.4V.
3. Duty cycle measured at 1.4V.
4. Skew measured at 1.4V on rising edges. Positive sign indicates the first signal precedes the second signal.
VDD = +5V ±5%, TA = 0°C to 70°C, unless otherwise stated
Electrical Characteristics at 5V
S
C
I
T
S
I
R
E
T
C
A
R
A
H
C
/
C
D
R
E
T
E
M
A
R
A
PL
O
B
M
Y
SS
N
O
I
T
I
D
N
O
C
T
S
E
TN
I
MP
Y
TX
A
MS
T
I
N
U
e
g
a
t
l
o
V
w
o
L
t
u
p
n
IV L
IV D
DV
5
=—
—
8
.
0V
e
g
a
t
l
o
V
h
g
i
H
t
u
p
n
IV H
IV D
DV
5
=0
.
2—
—
V
t
n
e
r
r
u
C
w
o
L
t
u
p
n
II L
IV N
IV
0
=5
.
1
–5
–—
A
µ
t
n
e
r
r
u
C
h
g
i
H
t
u
p
n
II H
IV N
IV
=D
D—
—
5
A
µ
e
g
a
t
l
o
V
w
o
L
t
u
p
t
u
O*V L
OI L
OA
m
8
=—
—
4
.
0V
e
g
a
t
l
o
V
h
g
i
H
t
u
p
t
u
O*V
1
H
O
IH
O,
A
m
1
-
=
VD
DV
0
.
5
=
VD
DV
4
.
-—
—
V
e
g
a
t
l
o
V
h
g
i
H
t
u
p
t
u
O*V
2
H
O
IH
O,
A
m
4
-
=
VD
DV
0
.
5
=
VD
DV
8
.
-—
—
V
e
g
a
t
l
o
V
h
g
i
H
t
u
p
t
u
O*V
3
H
O
IH
O,
A
m
8
-
=
4
.
2—
—
V
t
n
e
r
r
u
C
y
l
p
p
u
SI
1
D
D
Z
H
M
0
0
1
,
d
e
d
a
o
l
n
U
)
4
0
-
,
1
0
-
(
—0
30
5A
m
t
n
e
r
r
u
C
y
l
p
p
u
SI
2
D
D
Z
H
M
5
2
,
d
e
d
a
o
l
n
U
)
5
0
-
,
2
0
-
(
—3
10
2A
m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com