Electronic Components Datasheet Search
  English  ▼

X  

AV9170 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # AV9170
Description  Clock Synchronizer and Multiplier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

AV9170 Datasheet(HTML) 4 Page - Integrated Device Technology

  AV9170 Datasheet HTML 1Page - Integrated Device Technology AV9170 Datasheet HTML 2Page - Integrated Device Technology AV9170 Datasheet HTML 3Page - Integrated Device Technology AV9170 Datasheet HTML 4Page - Integrated Device Technology AV9170 Datasheet HTML 5Page - Integrated Device Technology AV9170 Datasheet HTML 6Page - Integrated Device Technology AV9170 Datasheet HTML 7Page - Integrated Device Technology AV9170 Datasheet HTML 8Page - Integrated Device Technology AV9170 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
AV9170
0237I—12/02/08
AV9170-05 is only available through America II distributor
1
S
F0
S
F1
K
L
C2
K
L
C
0
0
1
1
0
1
0
1
4
x
N
I
8
x
N
I
2
x
N
I
6
1
x
N
I
2
x
N
I
4
x
N
I
N
I
8
x
N
I
1
S
F0
S
F1
K
L
C2
K
L
C
0
0
1
1
0
1
0
1
2
x
N
I
4
x
N
I
N
I
8
x
N
I
N
I
2
x
N
I
2
÷
N
I
4
x
N
I
Figure 4:
Input and Output Clock Waveforms
with CLK2 Connected to FBIN
Using CLK2 Feedback
Connecting CLK2 to FBIN as shown in Figure 2 will cause
all of the rising edges to be aligned (Figure 4).
Figure 5:
Input and Output Clock Waveforms
with CLK1 Connected to FBIN
Table 2:
Functionality Table for AV9170-01, -
02 with CLK2 Feedback
Table 3:
Functionality Table for AV9170-01, -
02 with CLK1 Feedback
Using CLK1 Feedback
With CLK1 connected to FBIN as shown in Figure 3, the
input and CLK1 output will be aligned on the rising edge,
but CLK2 can be either rising or falling (Figure 5). Consult
ICS if the CLK1 frequency is desired to be higher than 107
MHz.
For CLK2 frequencies 10 - 53.5 MHz* (-01)
For CLK2 frequencies 2.5 - 13.37 MHz (-02)
*Maximum 33.3MHz @ 3.3V (-01), 8.33MHz @ 3.3V (-02)
Figure 2:
For CLK1 frequencies 20 - 107 MHz† (-01)
For CLK1 frequencies 5 - 26.75 MHz (-02)
†Maximum66.7MHz @ 3.3V(-01),16.7MHz @ 3.3V(-02)
Figure 3:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com