Electronic Components Datasheet Search
  English  ▼

X  

ICS1532 Datasheet(PDF) 24 Page - Integrated Device Technology

Part # ICS1532
Description  110 MHZ TRIPLE 8-BIT ADC WITH CLOCK GENERATOR
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS1532 Datasheet(HTML) 24 Page - Integrated Device Technology

Back Button ICS1532 Datasheet HTML 20Page - Integrated Device Technology ICS1532 Datasheet HTML 21Page - Integrated Device Technology ICS1532 Datasheet HTML 22Page - Integrated Device Technology ICS1532 Datasheet HTML 23Page - Integrated Device Technology ICS1532 Datasheet HTML 24Page - Integrated Device Technology ICS1532 Datasheet HTML 25Page - Integrated Device Technology ICS1532 Datasheet HTML 26Page - Integrated Device Technology ICS1532 Datasheet HTML 27Page - Integrated Device Technology ICS1532 Datasheet HTML 28Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
110 MHZ TRIPLE 8-BIT ADC WITH CLOCK GENERATOR
ICS1532
MDS 1532 G
24
Revision 060804
www.idt.com
10.2.2
Programming Flow for Calibrating
Figure 10-4.
ICS1532 Flow for ADC Calibration
Initialize 1532/3 to
default values
Begin ADC
Calibration
Red Offset (Reg 38) = 80h
Green O ffset (Reg 39) = 80h
Blue O ffset (Reg 3A) = 80h
Presum e that a line/screen with at least
one white and one black pixel
Min RED Output
Code > MIN?
No
Increm ent Red
Offset
Reg 38
Min RED Output
Code < MIN?
No
Decrem ent Red
Offset
Reg 38
Repeat for Green
and Blue O ffset
Max RED Output
Code = FFh?
No
Increm ent Red
G ain Reg34
Max RED Output
Code < MAX?
No
Decrem ent Red
G ain Reg34
End ADC
Calibration
Now, any values over MIN or under
MAX indicate an out of calibration
condidion
MAX code is norm ally ~FAh to allow for
out of calibration detection
MIN code is norm ally ~05h to allow for
out of calibration detection
Repeat for Green
and Blue G ain
Store Values in
Appropriate
Location



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com