Electronic Components Datasheet Search
  English  ▼

X  

ICS1532 Datasheet(PDF) 25 Page - Integrated Device Technology

Part # ICS1532
Description  110 MHZ TRIPLE 8-BIT ADC WITH CLOCK GENERATOR
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS1532 Datasheet(HTML) 25 Page - Integrated Device Technology

Back Button ICS1532 Datasheet HTML 21Page - Integrated Device Technology ICS1532 Datasheet HTML 22Page - Integrated Device Technology ICS1532 Datasheet HTML 23Page - Integrated Device Technology ICS1532 Datasheet HTML 24Page - Integrated Device Technology ICS1532 Datasheet HTML 25Page - Integrated Device Technology ICS1532 Datasheet HTML 26Page - Integrated Device Technology ICS1532 Datasheet HTML 27Page - Integrated Device Technology ICS1532 Datasheet HTML 28Page - Integrated Device Technology ICS1532 Datasheet HTML 29Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
110 MHZ TRIPLE 8-BIT ADC WITH CLOCK GENERATOR
MDS 1532 G
25
Revision 060804
www.idt.com
ICS1532
Chapter 11
AC/DC Operating Conditions
11.1
Absolute Maximum Ratings
Table 11-1 lists absolute maximum ratings for the ICS1532. Stresses above these ratings can cause
permanent damage to the ICS1532. These ratings, which are standard values for ICS commercially rated
parts, are stress ratings only. Functional operation of the ICS1532 at these or any other conditions above
those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods can affect product reliability. Electrical parameters are
guaranteed only over the recommended operating temperature range.
During normal operation, the supply voltages for the ICS1532 must remain within the recommended
operating conditions.
NOTE: Electrostatic-sensitive device. Do not open or handle except in a static-free workstation.)
11.2
Recommended Operating Conditions
Table 11-1.
ICS1532 Absolute Maximum Ratings
Item
Rating
Notes
VDD, VDDQ (See Note)
4.3 V
Measured with respect to VSS
VDDxADC (See Note)
3.6 V
Measured with respect to VSS
Digital Inputs
VSS -0.3 V to +5.5 V
Digital Outputs
VSSQ -0.3 V to VDDQ +0.3 V
Analog Inputs
VSS -0.3 V to +5.5 V
Analog Outputs
VSSA -0.3 V to VDDA +0.3 V
Storage Temperature
-65 to +150° C
Junction Temperature
125° C
Soldering Temperature
260° C
20 seconds max
Table 11-2.
Environmental Conditions
Parameter
Minimum
Typical
Maximum
Units
Ambient Operating Temperature
0
+70
°C
3.3 Power Supply Voltage
+3.15
+3.3
+3.45
V
2.5 Volt Power Supply Voltage
+2.35
+2.5
+2.65
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com