Electronic Components Datasheet Search
  English  ▼

X  

ICS1532 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # ICS1532
Description  110 MHZ TRIPLE 8-BIT ADC WITH CLOCK GENERATOR
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS1532 Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button ICS1532 Datasheet HTML 2Page - Integrated Device Technology ICS1532 Datasheet HTML 3Page - Integrated Device Technology ICS1532 Datasheet HTML 4Page - Integrated Device Technology ICS1532 Datasheet HTML 5Page - Integrated Device Technology ICS1532 Datasheet HTML 6Page - Integrated Device Technology ICS1532 Datasheet HTML 7Page - Integrated Device Technology ICS1532 Datasheet HTML 8Page - Integrated Device Technology ICS1532 Datasheet HTML 9Page - Integrated Device Technology ICS1532 Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
110 MHZ TRIPLE 8-BIT ADC WITH CLOCK GENERATOR
ICS1532
MDS 1532 G
6
Revision 060804
www.idt.com
2.0.1
Pin Listing by Functional Grouping
Table 2-1.
Pin Listing by Functional Group
Pin
Group
Pin
Name
Pin
Type
Pin Description
Pin #
Clock In
CLAMP
Input
External CLAMP input - Optional
28
Clock In
HSYNC
Input
Horizontal Sync Input
6
Clock In
XIN
Input
Crystal Input - Connect 14.31818 MHz, 20pF, parallel resonance
crystal or and external 14.31818-MHz clock source
106
Clock Out
ADCRCLK
Output
Analog-to-Digital Converter Reference Clock
• Half-rate pixel clock for latching digital output pixel data.
54
Clock Out
ADCSYNC
Output
Analog-to-Digital Converter Sync
• Recovered HSYNC output. Latch with ADCRCLK.
55
Clock Out
CLK
Output
Full Rate Pixel Clock to ADC Section
• Normally not used. See ADRCRCLK
114
Clock Out
MCLK
Output
Memory Clock - Independent user-programmable clock source #1
101
Clock Out
OSCOUT
Output
Oscillator Output - Native Oscillator or Divided Oscillator Output
113
Clock Out
PNLCLK
Output
Panel Clock - Independent user-programmable clock source #2
104
Clock Out
REF
Output
Reference - Various reference line clock sync signals.
112
Clock Out
XOUT
Output
Crystal Output - Connect to the crystal above or leave open
107
Control In
SCL
Input
Serial Clock for I2C - 5-V tolerant input clock from an I2C bus
137
Control In
SBADR
Input
I2C Serial Bus Address
– Low, address is 49h for reads and 48h for writes
– High, address is 4Bh for reads and 4Ah for writes
142
Control In
RESET
Input
RESET Input - Optional
– Low - Device held in RESET state
– High - Normal Operation -Pull high if unused
142
Control I/O SDA
I/O
Serial Data - 5-V tolerant pin data pin for an I2C bus
138
Control
Out
PSEL1 - 3
Output
Programmable Outputs
See Register 37h.
8, 9, 10
Analog
Input
BLUE,
GREEN,
RED
Input
Analog Blue, Green and Red Inputs
• Accepts analog data for the ADCs blue, green, and red converters
15,
19,
22
Analog
Input
ABLUE_R
AGREEN_R
ARED_R
Input
Analog Blue, Green and Red Signal Returns
• These pins provide a return path for the analog input data
16,
20,
23
Data
Output
BA7 – BA0,
GA7 – GA0,
RA7 – RA0
Output
Blue ‘A’ 7–0, Green ‘A’ 7–0, and Red ‘A’ 7–0.
• Output first blue, green, and red digital pixel data, respectively.
• A7 = MSB
See
Figure 2-1
Data
Output
BB7 – BB0,
GB7 – GB0,
RB7 – RB0
Output
Blue ‘B’ 7–0, Green ‘B’ 7–0, and Red ‘B’ 7–0.
• Outputs second blue, green, and red digital pixel data, respectively.
• A7 = MSB
See
Figure 2-1
Clock In
EXTFIL
Input
External Filter-Optional external filter input between self and XFILRET
144
Clock In
PDEN/COAST
Input +5 Phase-Detector Enable - Can disable the charge pump with Reg 0:1-0 141



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com