Electronic Components Datasheet Search
  English  ▼

X  

ICS1532 Datasheet(PDF) 27 Page - Integrated Device Technology

Part # ICS1532
Description  110 MHZ TRIPLE 8-BIT ADC WITH CLOCK GENERATOR
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS1532 Datasheet(HTML) 27 Page - Integrated Device Technology

Back Button ICS1532 Datasheet HTML 23Page - Integrated Device Technology ICS1532 Datasheet HTML 24Page - Integrated Device Technology ICS1532 Datasheet HTML 25Page - Integrated Device Technology ICS1532 Datasheet HTML 26Page - Integrated Device Technology ICS1532 Datasheet HTML 27Page - Integrated Device Technology ICS1532 Datasheet HTML 28Page - Integrated Device Technology ICS1532 Datasheet HTML 29Page - Integrated Device Technology ICS1532 Datasheet HTML 30Page - Integrated Device Technology ICS1532 Datasheet HTML 31Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
110 MHZ TRIPLE 8-BIT ADC WITH CLOCK GENERATOR
MDS 1532 G
27
Revision 060804
www.idt.com
ICS1532
Table 11-4
AC Operating Characteristics
(VDDx = 3.3 Volts, VDDx(2.5) = 2.5 Volts, Temperature = 25oC
Parameter
Symbol
Min.
Typ.
Max.
Units
Notes
ADC Resolution
88
Bits
DC Accuracy
Differential Nonlinearity
DNL
+1.2/-1
+2.75/-1
LSB
Integral Nonlinearity
INL
±2.5
LSB
No Missing Codes
By Design
Analog Inputs
ADC Input Voltage Range
VIA
0.5
0.7
1.2
Vpp
Input Capacitance
IC
2pF
Input Resistance
IR
1
ΜΩ
Switching Performance
Analog Conversion Rate
10
110
MHz
I2C Bus Speed
100
4,000
KHz
VCO Frequency
150
1,000
MHz
Sampling Clock Frequency
10
110
MHz
Clock Jitter
1
ns
Digital Inputs
Input High Voltage
VIH
25.5
V
5.5
Input Low Voltage
VIL
VSS-0.3
0.8
V
Input High Current
IIH
-1
uA
Input Low Current
IIL
1uA
Input Capacitance
Ic
3pF
Digital Outputs
Output High Voltage
VOH
VDD-0.1
V
Output Low Voltage
VOL
0.1
V
Pixel Data Output Impedance
RO
65
Ω
1 V < VO < 2 V
ADCRCLK to Pixel Data Skew
Tsk
±5
ns
ADCRCLK Duty Cycle
45
50
55
%
Note 2
Output Coding
Binary
By Design
Power Requirements
3.3 V Digital Supply Voltage
IDDD
+3.15
+3.3
+3.45
V
3.3 V Analog Supply Voltage
IDDA
+3.15
+3.3
+3.45
V
2.5 V Supply Voltage
IDDA2.5
+2.35
+2.5
+2.65
V
3.3 V Digital Supply Current
135
mA
110 MHz
3.3 V Analog Supply Current
125
mA
110 MHz
2.5 V Supply Current
125
mA
110 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com