Electronic Components Datasheet Search
  English  ▼

X  

TUSB8040 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB8040
Description  USB 3.0 Four Port Hub
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB8040 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TUSB8040 Datasheet HTML 10Page - Texas Instruments TUSB8040 Datasheet HTML 11Page - Texas Instruments TUSB8040 Datasheet HTML 12Page - Texas Instruments TUSB8040 Datasheet HTML 13Page - Texas Instruments TUSB8040 Datasheet HTML 14Page - Texas Instruments TUSB8040 Datasheet HTML 15Page - Texas Instruments TUSB8040 Datasheet HTML 16Page - Texas Instruments TUSB8040 Datasheet HTML 17Page - Texas Instruments TUSB8040 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
TUSB8040
SLLSE42F
– SEPTEMBER 2010 – REVISED OCTOBER 2011
www.ti.com
2.4
I
2C/SMBUS Signals
Table 2-4. I2C/SMBUS Signals
PIN NO.
SIGNAL NAME
TYPE
DESCRIPTION
PFP
RKM
I2C clock/SMBus clock. Function of terminal depends on the setting of the SMBUSz
input.
When SMBUSz = 1, this terminal acts as the serial clock interface for an I2C
EEPROM.
SCL/SMBCLK
I/O, PD
34
B17
When SMBUSz = 0, this terminal acts as the serial clock interface for an SMBus
host.
Can be left unconnected if external interface not implemented.
I2C data/SMBus data. Function of terminal depends on the setting of the SMBUSz
input.
When SMBUSz = 1, this terminal acts as the serial data interface for an I2C
EEPROM.
When SMBUSz = 0, this terminal acts as the serial data interface for an SMBus
host.
The SDA_SMBDAT terminal is sampled at the deassertion of reset to determine if
SDA/SMBDAT
I/O, PD
35
A19
SuperSpeed USB low power states U1 and U2 are disabled. If SDA_SMBDAT is high,
U1 and U2 low power states are disabled. If SDA_SMBDAT is low, U1 and U2 low
power states are enabled.
If the optional EEPROM or SMBUS is implemented, the value of the u1u2Disable bit
of the Device Configuration Register determines if the low power states U1 and U2
are enabled.
Can be left unconnected if external interface not implemented and U1 and U2 are to
be enabled.
I2C/SMBus mode select.
1 = I2C Mode Selected
SMBUSz
I, PU
36
B18
0 = SMBus Mode Selected
Can be left unconnected if external interface not implemented.
2.5
Test and Miscellaneous Signals
Table 2-5. Test and Miscellaneous Signals
PIN NO.
SIGNAL NAME
TYPE
DESCRIPTION
PFP
RKM
JTAG_TCK
I/O, PD
27
B13
JTAG test clock. Can be left unconnected.
JTAG_TDI
I/O, PU
31
B15
JTAG test data in. Can be left unconnected.
JTAG_TDO
I/O, PD
29
A15
JTAG test data out. Can be left unconnected.
JTAG_TMS
I/O, PU
28
B14
JTAG test mode select. Can be left unconnected.
JTAG_RSTz
I/O, PD
30
A16
JTAG reset. Pull down using an external 1-K
Ω resistor for normal operation.
High-speed suspend status output.
0 = High-speed upstream port not suspended
HS_SUSPEND
O
24
B11
1= High-speed upstream port suspended
Can be left unconnected.
SuperSpeed suspend status output.
0 = SuperSpeed upstream port not suspended
SS_SUSPEND
O
25
A13
1= SuperSpeed upstream port suspended
Can be left unconnected.
14
PIN DESCRIPTIONS
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TUSB8040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com