Electronic Components Datasheet Search
  English  ▼

X  

TUSB8040 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB8040
Description  USB 3.0 Four Port Hub
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB8040 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TUSB8040 Datasheet HTML 20Page - Texas Instruments TUSB8040 Datasheet HTML 21Page - Texas Instruments TUSB8040 Datasheet HTML 22Page - Texas Instruments TUSB8040 Datasheet HTML 23Page - Texas Instruments TUSB8040 Datasheet HTML 24Page - Texas Instruments TUSB8040 Datasheet HTML 25Page - Texas Instruments TUSB8040 Datasheet HTML 26Page - Texas Instruments TUSB8040 Datasheet HTML 27Page - Texas Instruments TUSB8040 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
TUSB8040
SLLSE42F
– SEPTEMBER 2010 – REVISED OCTOBER 2011
www.ti.com
3.3.16 Manufacturer String Registers
Table 3-32. Register Offset 50h-8Fh
BIT NO.
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
Table 3-33. Bit Descriptions
– Manufacturer String Register
BIT
FIELD NAME
ACCESS
DESCRIPTION
Manufacturer string byte N. These registers provide the string values returned for string
index 3 when mfgStringLen is greater than 0. The number of bytes returned in the string is
7:0
mfgStringByte[n]
RW
equal to mfgStringLen.
The programmed data should be in UNICODE UTF-16LE encodings as defined by The
Unicode Standard, Worldwide Character Encoding, Version 5.0.
3.3.17 Product String Registers
Table 3-34. Register Offset 90h-CFh
BIT NO.
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
Table 3-35. Bit Descriptions
– Product String Register
BIT
FIELD NAME
ACCESS
DESCRIPTION
Product string byte N. These registers provide the string values returned for string index 2
when prodStringLen is greater than 0. The number of bytes returned in the string is equal to
7:0
prodStringByte[n]
RW
prodStringLen.
The programmed data should be in UNICODE UTF-16LE encodings as defined by The
Unicode Standard, Worldwide Character Encoding, Version 5.0.
3.3.18 Device Status and Command Register
Table 3-36. Register Offset F8h
BIT NO.
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
Table 3-37. Bit Descriptions
– Device Status and Command Register
BIT
FIELD NAME
ACCESS
DESCRIPTION
7:2
RSVD
RO
Reserved. Read only, returns 0 when read.
SMBus interface reset. This bit resets the SMBus slave interface to its default state and
loads the registers back to their GRSTz values.
1
smbusRst
RSU
This bit is set by writing a 1 and is cleared by hardware on completion of the reset. A write
of 0 has no effect. (Not used with I2C)
Configuration active. This bit indicates that configuration of the TUSB8040 is currently
active. The bit is set by hardware when the device enters the I2C or SMBus mode. The
TUSB8040 does not connect on the upstream port while this bit is 1.
0
cfgActive
RCU
When in I2C mode, the bit is cleared by hardware when the TUSB8040 exits the I2C mode.
When in the SMBus mode, this bit must be cleared by the SMBus host in order to exit the
configuration mode and allow the upstream port to connect.
The bit is cleared by a writing 1. A write of 0 has no effect.
24
FUNCTIONAL DESCRIPTION
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TUSB8040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com