Electronic Components Datasheet Search
  English  ▼

X  

TUSB8040 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB8040
Description  USB 3.0 Four Port Hub
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB8040 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TUSB8040 Datasheet HTML 15Page - Texas Instruments TUSB8040 Datasheet HTML 16Page - Texas Instruments TUSB8040 Datasheet HTML 17Page - Texas Instruments TUSB8040 Datasheet HTML 18Page - Texas Instruments TUSB8040 Datasheet HTML 19Page - Texas Instruments TUSB8040 Datasheet HTML 20Page - Texas Instruments TUSB8040 Datasheet HTML 21Page - Texas Instruments TUSB8040 Datasheet HTML 22Page - Texas Instruments TUSB8040 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
TUSB8040
www.ti.com
SLLSE42F
– SEPTEMBER 2010 – REVISED OCTOBER 2011
3.3.4
Product ID LSB Register
Table 3-8. Register Offset 3h
BIT NO.
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
1
0
0
Table 3-9. Bit Descriptions
– Product ID MSB Register
BIT
FIELD NAME
ACCESS
DESCRIPTION
Product ID LSB. Least significant byte of the product ID assigned by Texas Instruments; the
default value of this register is 40h representing the LSB of the product ID assigned by
Texas Instruments. The value of this register will be reported as configured for the
7:0
productIdLsb
RW
SuperSpeed Device descriptor. The USB 2.0 Device descriptor will report the value in this
register with bit [1] toggled. This ensures that the USB drivers load properly for both hubs.
The value may be over-written to indicate a customer product ID.
3.3.5
Product ID MSB Register
Table 3-10. Register Offset 4h
BIT NO.
7
6
5
4
3
2
1
0
RESET STATE
1
0
0
0
0
0
0
0
Table 3-11. Bit Descriptions
– Product ID MSB Register
BIT
FIELD NAME
ACCESS
DESCRIPTION
Product ID MSB. Most significant byte of the product ID assigned by Texas Instruments; the
7:0
productIdMsb
RW
default value of this register is 80h representing the MSB of the product ID assigned by
Texas Instruments. The value may be over-written to indicate a customer product ID.
3.3.6
Device Configuration Register
Table 3-12. Register Offset 5h
BIT NO.
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
X
X
X
X
X
Table 3-13. Bit Descriptions
– Device Configuration Register
BIT
FIELD NAME
ACCESS
DESCRIPTION
Custom Strings enable.
When this bit is set to 1 and the TUSB8040 is in I2C mode, the Manufacturer String Length,
Manufacturer String, Product String Length, Product String, and Language ID registers are
7
customStrings
RW
loaded from the contents of the EEPROM.
When the value of this bit is 1 and the TUSB8040 is in SMBUS mode, the Manufacturer
String Length, Manufacturer String, Product String Length, Product String, and Language
ID registers may written by an SMBus host.
Custom Serial Number Enable.
When the TUSB8040 is in I2C mode, the TUSB8040 loads the serial number register from
the contents of the EEPROM.
6
customSernum
RW
When the TUSB8040 is in SMBUS mode, the Serial Number registers may written by an
SMBus host.
This bit is always 1.
Copyright
© 2010–2011, Texas Instruments Incorporated
FUNCTIONAL DESCRIPTION
19
Submit Documentation Feedback
Product Folder Link(s): TUSB8040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com