Electronic Components Datasheet Search
  English  ▼

X  

TUSB8040 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB8040
Description  USB 3.0 Four Port Hub
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB8040 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TUSB8040 Datasheet HTML 18Page - Texas Instruments TUSB8040 Datasheet HTML 19Page - Texas Instruments TUSB8040 Datasheet HTML 20Page - Texas Instruments TUSB8040 Datasheet HTML 21Page - Texas Instruments TUSB8040 Datasheet HTML 22Page - Texas Instruments TUSB8040 Datasheet HTML 23Page - Texas Instruments TUSB8040 Datasheet HTML 24Page - Texas Instruments TUSB8040 Datasheet HTML 25Page - Texas Instruments TUSB8040 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
TUSB8040
SLLSE42F
– SEPTEMBER 2010 – REVISED OCTOBER 2011
www.ti.com
3.3.10 Language ID LSB Register
Table 3-20. Register Offset 20h
BIT NO.
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
1
0
0
1
Table 3-21. Bit Descriptions
– Language ID LSB Register
BIT
FIELD NAME
ACCESS
DESCRIPTION
Language ID least significant byte. This register contains the value returned in the LSB of
the LANGID code in string index 0. The TUSB8040 only supports one language ID. The
7:0
langIdLsb
RW
default value of this register is 09h representing the LSB of the LangID 0409h indicating
English United States. When customStrings is 1, this field may be over-written by the
contents of an attached EEPROM or by an SMBus host.
3.3.11 Language ID MSB Register
Table 3-22. Register Offset 21h
BIT NO.
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
1
0
0
Table 3-23. Bit Descriptions
– Language ID LSB Register
BIT
FIELD NAME
ACCESS
DESCRIPTION
Language ID most significant byte. This register contains the value returned in the MSB of
the LANGID code in string index 0. The TUSB8040 only supports one language ID. The
7:0
langIdMsb
RW
default value of this register is 04h representing the MSB of the LangID 0409h indicating
English United States. When customStrings is 1, this field may be over-written by the
contents of an attached EEPROM or by an SMBus host.
3.3.12 Serial Number String Length Register
Table 3-24. Register Offset 22h
BIT NO.
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
1
1
0
0
0
Table 3-25. Bit Descriptions
– Serial Number String Length Register
BIT
FIELD NAME
ACCESS
DESCRIPTION
7:6
RSVD
RO
Reserved. Read only, returns 0 when read.
Serial number string length. The string length in bytes for the serial number string. The
default value is 0, indicating that a serial number string is not supported. The maximum
string length is 32 bytes.
This field may be over-written by the contents of an attached EEPROM or by an SMBus
5:0
serNumStringLen
RW
host.
When the field is non-zero, a serial number string of serNumbStringLen bytes is returned at
string index 1 from the data contained in the Serial Number String registers. If the string
length in the Serial Number String Length Register is set to zero, the Manufacturing String
Length and Product String Length must also be set to a length of zero.
22
FUNCTIONAL DESCRIPTION
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TUSB8040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com