Electronic Components Datasheet Search
  English  ▼

X  

TUSB8040 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB8040
Description  USB 3.0 Four Port Hub
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB8040 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TUSB8040 Datasheet HTML 19Page - Texas Instruments TUSB8040 Datasheet HTML 20Page - Texas Instruments TUSB8040 Datasheet HTML 21Page - Texas Instruments TUSB8040 Datasheet HTML 22Page - Texas Instruments TUSB8040 Datasheet HTML 23Page - Texas Instruments TUSB8040 Datasheet HTML 24Page - Texas Instruments TUSB8040 Datasheet HTML 25Page - Texas Instruments TUSB8040 Datasheet HTML 26Page - Texas Instruments TUSB8040 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
TUSB8040
www.ti.com
SLLSE42F
– SEPTEMBER 2010 – REVISED OCTOBER 2011
3.3.13 Manufacturer String Length Register
Table 3-26. Register Offset 23h
BIT NO.
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
Table 3-27. Bit Descriptions
– Manufacturer String Length Register
BIT
FIELD NAME
ACCESS
DESCRIPTION
7
RSVD
RO
Reserved. Read only, returns 0 when read.
Manufacturer string length. The string length in bytes for the manufacturer string. The
default value is 0, indicating that a manufacturer string is not provided. The maximum string
length is 64 bytes. If the string length in the Serial Number String Length Register is set to
6:0
mfgStringLen
RW
zero, the Manufacturing String must also be set to a length of zero.
When the field is non-zero, a manufacturer string of mfgStringLen bytes is returned at string
index 3 from the data contained in the Manufacturer String registers.
3.3.14 Product String Length Register
Table 3-28. Register Offset 24h
BIT NO.
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
Table 3-29. Bit Descriptions
– Product String Length Register
BIT
FIELD NAME
ACCESS
DESCRIPTION
7
RSVD
RO
Reserved. Read only, returns 0 when read.
Product string length. The string length in bytes for the product string. The default value is
0, indicating that a product string is not provided. The maximum string length is 64 bytes.
If the string length in the Serial Number String Length Register is set to zero, the Product
6:0
mfgStringLen
RW
String must also be set to a length of zero.
When the field is non-zero, a product string of prodStringLen bytes is returned at string
index 2 from the data contained in the Product String registers.
3.3.15 Serial Number Registers
Table 3-30. Register Offset 30h-4Fh
BIT NO.
7
6
5
4
3
2
1
0
RESET STATE
x
x
x
xx
x
x
x
x
Table 3-31. Bit Descriptions
– Serial Number Byte N Register
BIT
FIELD NAME
ACCESS
DESCRIPTION
Serial Number byte N. The serial number returned in the Serial Number string descriptor at
string index 1. When customSernum is 1, these registers may be over-written by EEPROM
7:0
serialNumber[n]
RW
contents or by an SMBus host. The same serial number will be returned in both the USB
2.0 and USB 3.0 descriptors of the TUSB8040.
Copyright
© 2010–2011, Texas Instruments Incorporated
FUNCTIONAL DESCRIPTION
23
Submit Documentation Feedback
Product Folder Link(s): TUSB8040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com